Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W9725G6KB25A Datasheet(HTML) 20 Page - Winbond

Part No. W9725G6KB25A
Description  DLL aligns DQ and DQS transitions with clock, Data masks (DM) for write data, Write Data Mask
Download  87 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W9725G6KB25A Datasheet(HTML) 20 Page - Winbond

Back Button W9725G6KB25A Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 87 page
background image
W9725G6KB
Publication Release Date: Sep. 03, 2012
- 20 -
Revision A03
8.3
Command Function
8.3.1
Bank Activate Command
( CS = "L", RAS = "L", CAS = "H", WE = "H", BA0, BA1 = Bank, A0 to A12 be row address)
The Bank Activate command must be applied before any Read or Write operation can be executed.
Immediately after the bank active command, the DDR2 SDRAM can accept a read or write command
on the following clock cycle. If a Read/Write command is issued to a bank that has not satisfied the
tRCDmin specification, then additive latency must be programmed into the device to delay when the
Read/Write command is internally issued to the device. The additive latency value must be chosen to
assure tRCDmin is satisfied. Additive latencies of 0, 1, 2, 3, 4, 5 and 6 are supported. Once a bank has
been activated it must be precharged before another Bank Activate command can be applied to the
same bank. The bank active and precharge times are defined as tRAS and tRP, respectively. The
minimum time interval between successive Bank Activate commands to the same bank is determined
by the RAS cycle time of the device (tRC). The minimum time interval between Bank Activate
commands is tRRD.
T0
T1
T2
T3
Tn
Tn+1
Tn+2
Tn+3
Bank A
Row Addr.
Bank A
Col. Addr.
Bank B
Row Addr.
Bank B
Col. Addr.
Bank A
Addr.
Bank B
Addr.
Bank A
Row Addr.
CAS - CAS delay time(tCCD)
tRCD = 1
Additive Latency delay(AL)
Read Begins
Bank A
Activate
Bank A
Post CAS
Read
Bank B
Activate
Bank B
Post CAS
Read
Bank A
Precharge
Bank B
Precharge
Bank A
Activate
Bank Active (
≥ tRAS)
RAS Cycle time (
≥ tRC)
Bank Precharge time (
≥ tRP)
Command
Address
RAS - RAS delay time(
≥ tRRD)
CLK
CLK
Internal RAS - RAS delay (
≥ tRCDmin)
Figure 12
– Bank activate command cycle: tRCD = 3, AL = 2, tRP = 3, tRRD = 2, tCCD = 2
8.3.2
Read Command
( CS = "L", RAS = "H", CAS = "L", WE = "H", BA0, BA1 = Bank, A10 = "L", A0 to A8 = Column
Address)
The READ command is used to initiate a burst read access to an active row. The value on BA0, BA1
inputs selects the bank, and the A0 to A8 address inputs determine the starting column address. The
address input A10 determines whether or not Auto-precharge is used. If Auto-precharge is selected,
the row being accessed will be precharged at the end of the READ burst; if Auto-precharge is not
selected, the row will remain open for subsequent accesses.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn