Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W9725G6KB25A Datasheet(HTML) 22 Page - Winbond

Part No. W9725G6KB25A
Description  DLL aligns DQ and DQS transitions with clock, Data masks (DM) for write data, Write Data Mask
Download  87 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W9725G6KB25A Datasheet(HTML) 22 Page - Winbond

Back Button W9725G6KB25A Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 87 page
background image
W9725G6KB
Publication Release Date: Sep. 03, 2012
- 22 -
Revision A03
8.3.8
Self Refresh Exit Command
(CKE = "H", CS = "H" or CKE = "H", CS = "L", RAS = "H", CAS = "H", WE = "H", BA0, BA1,
A0 to A12 = Don
‟t Care)
The procedure for exiting Self Refresh requires a sequence of commands. First, the clock must be
stable prior to CKE going back HIGH. Once Self Refresh Exit is registered, a delay of at least tXSNR
must be satisfied before a valid command can be issued to the device to allow for any internal refresh
in progress. CKE must remain HIGH for the entire Self Refresh exit period tXSRD for proper operation
except for self refresh re-entry.
Upon exit from Self Refresh, the DDR2 SDRAM can be put back into Self Refresh mode after waiting
at least tXSNR period and issuing one refresh command (refresh period of tRFC). NOP or Deselect
commands must be registered on each positive clock edge during the Self Refresh exit interval tXSNR.
ODT should be turned off during tXSRD.
The use of Self Refresh mode introduces the possibility that an internally timed refresh event can be
missed when CKE is raised for exit from Self Refresh mode. Upon exit from Self Refresh, the DDR2
SDRAM requires a minimum of one extra auto refresh command before it is put back into Self Refresh
mode.
8.3.9
Refresh Command
( CS = "L", RAS = "L", CAS = "L", WE = "H", CKE = "H", BA0, BA1, A0 to A12 = Don‟t Care)
Refresh is used during normal operation of the DDR2 SDRAM. This command is non persistent, so it
must be issued each time a refresh is required.
The refresh addressing is generated by the internal refresh controller. This makes the address bits
“Don‟t Care” during an Auto Refresh command. The DDR2 SDRAM requires Auto Refresh cycles at
an average periodic interval of
tREFI (max.).
When the refresh cycle has completed, all banks of the DDR2 SDRAM will be in the precharged (idle)
state. A delay between the auto refresh command (REF) and the next activate command or
subsequent auto refresh command must be greater than or equal to the auto refresh cycle time (tRFC).
To allow for improved efficiency in scheduling and switching between tasks, some flexibility in the
absolute refresh interval is provided. A maximum of eight Refresh commands can be posted to any
given DDR2 SDRAM, meaning that the maximum absolute interval between any Refresh command
and the next Refresh command is 9 x tREFI.
T0
T1
T2
T3
CLK/CLK
CKE
CMD
≥ tRP
≥ tRFC
≥ tRFC
NOP
NOP
NOP
ANY
REF
REF
Precharge
"HIGH"
Tm
Tn
Tn + 1
Figure 13
– Refresh command


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn