Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9725G6KB25A Datasheet(PDF) 30 Page - Winbond

Part # W9725G6KB25A
Description  DLL aligns DQ and DQS transitions with clock, Data masks (DM) for write data, Write Data Mask
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9725G6KB25A Datasheet(HTML) 30 Page - Winbond

Back Button W9725G6KB25A Datasheet HTML 26Page - Winbond W9725G6KB25A Datasheet HTML 27Page - Winbond W9725G6KB25A Datasheet HTML 28Page - Winbond W9725G6KB25A Datasheet HTML 29Page - Winbond W9725G6KB25A Datasheet HTML 30Page - Winbond W9725G6KB25A Datasheet HTML 31Page - Winbond W9725G6KB25A Datasheet HTML 32Page - Winbond W9725G6KB25A Datasheet HTML 33Page - Winbond W9725G6KB25A Datasheet HTML 34Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
W9725G6KB
Publication Release Date: Sep. 03, 2012
- 30 -
Revision A03
8.9.1
Power Down Entry
Two types of Power Down Mode can be performed on the device: Precharge Power Down Mode and
Active Power Down Mode.
If power down occurs when all banks are idle, this mode is referred to as Precharge Power Down; if
power down occurs when there is a row active in any bank, this mode is referred to as Active Power
Down. Entering power down deactivates the input and output buffers, excluding CLK, CLK , ODT and
CKE. Also the DLL is disabled upon entering Precharge Power Down or slow exit Active Power Down,
but the DLL is kept enabled during fast exit Active Power Down.
In power down mode, CKE LOW and a stable clock signal must be maintained at the inputs of the
DDR2
SDRAM, and ODT should be in a valid state but all other input signals are “Don‟t Care”. CKE
LOW must be maintained until tCKE has been satisfied. Maximum power down duration is limited by
the refresh requirements of the device, which allows a maximum of 9 x tREFI if maximum posting of
REF is utilized immediately before entering power down. (Example timing waveforms refer to 11.29 to
11.30 Active and Precharged Power Down Mode Entry and Exit diagram in Chapter 11)
8.9.2
Power Down Exit
The power-down state is synchronously exited when CKE is registered HIGH (along with a NOP or
Deselect command). CKE high must be maintained until tCKE has been satisfied. A valid, executable
command can be applied with power-down exit latency, tXP, tXARD, or tXARDS, after CKE goes HIGH.
Power-down exit latency is defined at AC Characteristics table of this data sheet.
8.10 Input clock frequency change during precharge power down
DDR2 SDRAM input clock frequency can be changed under following condition:
DDR2 SDRAM is in precharged power down mode. ODT must be turned off and CKE must be at logic
LOW level. A minimum of 2 clocks must be waited after CKE goes LOW before clock frequency may
change. SDRAM input clock frequency is allowed to change only within minimum and maximum
operating frequency specified for the particular speed grade. During input clock frequency change,
ODT and CKE must be held at stable LOW levels.
Once input clock frequency is changed, stable new clocks must be provided to DRAM before
precharge power down may be exited and DLL must be RESET via MRS command after precharge
power down exit. Depending on new clock frequency an additional MRS or EMRS command may
need to be issued to appropriately set the WR, CL etc
During DLL re-lock period, ODT must remain off. After the DLL lock time, the DRAM is ready to
operate with new clock frequency. (Example timing waveform refer to 11.31 Clock frequency change
in precharge Power Down mode diagram in Chapter 11)


Similar Part No. - W9725G6KB25A

ManufacturerPart #DatasheetDescription
logo
Winbond
W9725G6KB25I-TR WINBOND-W9725G6KB25I-TR Datasheet
1Mb / 87P
   4M X 4 BANKS X 16 BIT DDR2 SDRAM
More results

Similar Description - W9725G6KB25A

ManufacturerPart #DatasheetDescription
logo
Winbond
W971GG6JB25I WINBOND-W971GG6JB25I Datasheet
1Mb / 87P
   DLL aligns DQ and DQS transitions with clock, Auto Refresh and Self Refresh modes, Write Data Mask
logo
Alliance Semiconductor ...
AS4C4M32D1A-5BIN ALSC-AS4C4M32D1A-5BIN Datasheet
2Mb / 64P
   DLL aligns DQ and DQS transitions
logo
ATMEL Corporation
AT24C16A ATMEL-AT24C16A_14 Datasheet
257Kb / 20P
   Write Protect Pin for Hardware Data Protection
AT24C32A ATMEL-AT24C32A_14 Datasheet
228Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24HC04B ATMEL-AT24HC04B_14 Datasheet
706Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C04AN-10SU-1.8 ATMEL-AT24C04AN-10SU-1.8 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
logo
Integrated Silicon Solu...
IS43LR16800G ISSI-IS43LR16800G Datasheet
1Mb / 43P
   DM for write masking only
logo
ATMEL Corporation
AT24C02A ATMEL-AT24C02A_14 Datasheet
563Kb / 16P
   Write Protect Pin for Hardware Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com