![]() |
Electronic Components Datasheet Search |
|
W25Q128FVAIQ Datasheet(HTML) 46 Page - Winbond |
|
W25Q128FVAIQ Datasheet(HTML) 46 Page - Winbond |
![]() W25Q128FV - 45 - 8.2.13 Octal Word Read Quad I/O (E3h) The Octal Word Read Quad I/O (E3h) instruction is similar to the Fast Read Quad I/O (EBh) instruction except that the lower four Address bits (A0, A1, A2, A3) must equal 0. As a result, the dummy clocks are not required, which further reduces the instruction overhead allowing even faster random access for code execution (XIP). The Quad Enable bit (QE) of Status Register-2 must be set to enable the Octal Word Read Quad I/O Instruction. Octal Word Read Quad I/O with “Continuous Read Mode” The Octal Word Read Quad I/O instruction can further reduce instruction overhead through setting the “Continuous Read Mode” bits (M7-0) after the input Address bits (A23-0), as shown in Figure 27a. The upper nibble of the (M7-4) controls the length of the next Octal Word Read Quad I/O instruction through the inclusion or exclusion of the first byte instruction code. The lower nibble bits of the (M3-0) are don’t care (“x”). However, the IO pins should be high-impedance prior to the falling edge of the first data out clock. If the “Continuous Read Mode” bits M5-4 = (1,0), then the next Fast Read Quad I/O instruction (after /CS is raised and then lowered) does not require the E3h instruction code, as shown in Figure 27b. This reduces the instruction sequence by eight clocks and allows the Read address to be immediately entered after /CS is asserted low. If the “Continuous Read Mode” bits M5-4 do not equal to (1,0), the next instruction (after /CS is raised and then lowered) requires the first byte instruction code, thus returning to normal operation. It is recommended to input FFh on IO0 for the next instruction (8 clocks), to ensure M4 = 1 and return the device to normal operation. M7-0 /CS CLK Mode 0 Mode 3 0 1 IO 0 IO 1 IO 2 IO 3 2 3 4 5 20 16 12 8 21 17 22 18 23 19 13 9 14 10 15 11 A23-16 6 7 8 9 4 0 5 1 6 2 7 3 A15-8 A7-0 4 Byte 1 Byte 2 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 10 11 12 13 14 4 5 6 7 IOs switch from Input to Output Byte 3 15 16 17 18 19 20 21 Instruction (E3h) 4 0 5 1 6 2 7 3 Byte 4 Figure 27a. Octal Word Read Quad I/O Instruction (Initial instruction or previous M5-4 ≠ 10, SPI Mode only) |
|