Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W25Q128FVAIQ Datasheet(HTML) 82 Page - Winbond

Part No. W25Q128FVAIQ
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W25Q128FVAIQ Datasheet(HTML) 82 Page - Winbond

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 97 page
background image
W25Q128FV
- 81 -
9.4 DC Electrical Characteristics(1)
PARAMETER
SYMBOL CONDITIONS
SPEC
UNIT
MIN
TYP
MAX
Input Capacitance
CIN
VIN = 0V
6
pF
Output Capacitance
Cout
VOUT = 0V
8
pF
Input Leakage
ILI
±2
µA
I/O Leakage
ILO
±2
µA
Standby Current
ICC1
/CS = VCC,
VIN = GND or VCC
10
50
µA
Power-down Current
ICC2
/CS = VCC,
VIN = GND or VCC
1
20
µA
Current Read Data /
Dual /Quad 1MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
DO = Open
4
10
mA
Current Read Data /
Dual /Quad 50MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
DO = Open
15
mA
Current Read Data /
Dual /Quad 80MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
DO = Open
18
mA
Current Read Data /
Dual Output Read/Quad
Output Read 104MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
DO = Open
20
mA
Current Write Status
Register
ICC4
/CS = VCC
8
12
mA
Current Page Program
ICC5
/CS = VCC
20
25
mA
Current Sector/Block
Erase
ICC6
/CS = VCC
20
25
mA
Current Chip Erase
ICC7
/CS = VCC
20
25
mA
Input Low Voltage
VIL
–0.5
VCC x 0.3
V
Input High Voltage
VIH
VCC x 0.7
VCC + 0.4
V
Output Low Voltage
VOL
IOL = 100 µA
0.2
V
Output High Voltage
VOH
IOH = –100 µA
VCC – 0.2
V
Notes:
1. Tested on sample basis and specified through design and characterization data. TA = 25° C, VCC = 3.0V, 100% driver strength.
2. Checker Board Pattern.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn