Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W25Q128FVAIQ Datasheet(HTML) 15 Page - Winbond

Part No. W25Q128FVAIQ
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W25Q128FVAIQ Datasheet(HTML) 15 Page - Winbond

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 14 -
Revision D
6.1.6
Software Reset & Hardware /RESET pin
The W25Q128FV can be reset to the initial power-on state by a software Reset sequence, either in SPI
mode or QPI mode. This sequence must include two consecutive commands: Enable Reset (66h) &
Reset (99h). If the command sequence is successfully accepted, the device will take approximately 30uS
(tRST) to reset. No command will be accepted during the reset period.
For the WSON-8 and TFBGA package types, W25Q128FV can also be configured to utilize a hardware
/RESET pin. The HOLD/RST bit in the Status Register-3 is the configuration bit for /HOLD pin function or
RESET pin function. When HOLD/RST=0 (factory default), the pin acts as a /HOLD pin as described
above; when HOLD/RST=1, the pin acts as a /RESET pin. Drive the /RESET pin low for a minimum period
of ~1us (tRESET*) will reset the device to its initial power-on state. Any on-going Program/Erase operation
will be interrupted and data corruption may happen. While /RESET is low, the device will not accept any
command input.
If QE bit is set to 1, the /HOLD or /RESET function will be disabled, the pin will become one of the four
data I/O pins.
For the SOIC-16 package, W25Q128FV provides a dedicated /RESET pin in addition to the /HOLD (IO3)
pin as illustrated in Figure 1b. Drive the /RESET pin low for a minimum period of ~1us (tRESET*) will reset
the device to its initial power-on state. The HOLD/RST bit or QE bit in the Status Register will not affect
the function of this dedicated /RESET pin.
Hardware /RESET pin has the highest priority among all the input signals. Drive /RESET low for a
minimum period of ~1us (tRESET*) will interrupt any on-going external/internal operations, regardless the
status of other SPI signals (/CS, CLK, IOs, /WP and/or /HOLD).
Note: While a faster /RESET pulse (as short as a few hundred nanoseconds) will often reset the device, a
1us minimum is recommended to ensure reliable operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn