Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W25Q128FVAIQ Datasheet(HTML) 25 Page - Winbond

Part No. W25Q128FVAIQ
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W25Q128FVAIQ Datasheet(HTML) 25 Page - Winbond

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 24 -
Revision D
8.1.2
Instruction Set Table 1 (Standard/Dual/Quad SPI Instructions)(1)
Data Input Output
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
Clock Number
(0 – 7)
(8 – 15)
(16 – 23)
(24 – 31)
(32 – 39)
(40 – 47)
(48 – 55)
Write Enable
06h
Volatile SR Write Enable
50h
Write Disable
04h
Read Status Register-1
05h
(S7-S0)
(2)
Write Status Register-1
(4)
01h
(S7-S0)
(4)
Read Status Register-2
35h
(S15-S8)
(2)
Write Status Register-2
31h
(S15-S8)
Read Status Register-3
15h
(S23-S16)
(2)
Write Status Register-3
11h
(S23-S16)
Chip Erase
C7h/60h
Erase / Program Suspend
75h
Erase / Program Resume
7Ah
Power-down
B9h
Release Power-down / ID
ABh
Dummy
Dummy
Dummy
(ID7-ID0)
(2)
Manufacturer/Device ID
90h
Dummy
Dummy
00h
(MF7-MF0)
(ID7-ID0)
JEDEC ID
9Fh
(MF7-MF0)
(ID15-ID8)
(ID7-ID0)
Global Block Lock
7Eh
Global Block Unlock
98h
Enter QPI Mode
38h
Enable Reset
66h
Reset Device
99h


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn