Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W25Q128FVEIG Datasheet(HTML) 58 Page - Winbond

Part No. W25Q128FVEIG
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W25Q128FVEIG Datasheet(HTML) 58 Page - Winbond

Back Button W25Q128FVEIG Datasheet HTML 58Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 97 page
background image
W25Q128FV
- 57 -
8.2.22 Erase / Program Resume (7Ah)
The Erase/Program Resume instruction “7Ah” must be written to resume the Sector or Block Erase
operation or the Page Program operation after an Erase/Program Suspend. The Resume instruction “7Ah”
will be accepted by the device only if the SUS bit in the Status Register equals to 1 and the BUSY bit
equals to 0. After issued the SUS bit will be cleared from 1 to 0 immediately, the BUSY bit will be set from
0 to 1 within 200ns and the Sector or Block will complete the erase operation or the page will complete the
program operation. If the SUS bit equals to 0 or the BUSY bit equals to 1, the Resume instruction “7Ah”
will be ignored by the device. The Erase/Program Resume instruction sequence is shown in Figure 36a &
36b.
Resume instruction is ignored if the previous Erase/Program Suspend operation was interrupted by
unexpected power off. It is also required that a subsequent Erase/Program Suspend instruction not to be
issued within a minimum of time of “tSUS” following a previous Resume instruction.
/CS
CLK
DI
(IO
0)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (7Ah)
Mode 0
Mode 3
Resume previously
suspended Program or
Erase
Figure 36a. Erase/Program Resume Instruction (SPI Mode)
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
7Ah
Instruction
Mode 0
Mode 3
Resume previously
suspended Program or
Erase
Figure 36b. Erase/Program Resume Instruction (QPI Mode)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn