Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W25Q128FVEIG Datasheet(HTML) 64 Page - Winbond

Part No. W25Q128FVEIG
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W25Q128FVEIG Datasheet(HTML) 64 Page - Winbond

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 97 page
background image
W25Q128FV
- 63 -
8.2.27 Read Manufacturer / Device ID Quad I/O (94h)
The Read Manufacturer / Device ID Quad I/O instruction is an alternative to the Read Manufacturer /
Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID
at 4x speed.
The Read Manufacturer / Device ID Quad I/O instruction is similar to the Fast Read Quad I/O instruction.
The instruction is initiated by driving the /CS pin low and shifting the instruction code “94h” followed by a
four clock dummy cycles and then a 24-bit address (A23-A0) of 000000h, but with the capability to input
the Address bits four bits per clock. After which, the Manufacturer ID for Winbond (EFh) and the Device ID
are shifted out four bits per clock on the falling edge of CLK with most significant bit (MSB) first as shown
in Figure 41. The Device ID values for the W25Q128FV are listed in Manufacturer and Device
Identification table. If the 24-bit address is initially set to 000001h the Device ID will be read first and then
followed by the Manufacturer ID. The Manufacturer and Device IDs can be read continuously, alternating
from one to the other. The instruction is completed by driving /CS high.
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (94h)
High Impedance
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
5
1
4
0
23
Mode 0
Mode 3
IOs switch from
Input to Output
High Impedance
7
3
6
2
/CS
CLK
IO
0
IO
1
IO
2
IO
3
High Impedance
A23-16
A15-8
A7-0
(00h)
M7-0
MFR ID
Device ID
Dummy
Dummy
/CS
CLK
IO
0
IO
1
IO
2
IO
3
23
0
1
2
3
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
5
1
4
0
7
3
6
2
24
25
26
27
28
29
30
MFR ID
Device ID
(repeat)
(repeat)
MFR ID
Device ID
(repeat)
(repeat)
Figure 41. Read Manufacturer / Device ID Quad I/O Instruction (SPI Mode only)
Note:
The “Continuous Read Mode” bits M(7-0) must be set to Fxh to be compatible with Fast Read Quad I/O instruction.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn