Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W25Q128FVEIG Datasheet(HTML) 84 Page - Winbond

Part No. W25Q128FVEIG
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W25Q128FVEIG Datasheet(HTML) 84 Page - Winbond

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 97 page
background image
W25Q128FV
- 83 -
9.6 AC Electrical Characteristics(6)
DESCRIPTION
SYMBOL
ALT
SPEC
UNIT
MIN
TYP
MAX
Clock frequency for Read Data instruction (03h)
fR
D.C.
50
MHz
Clock frequency for QPI Read instructions (0Bh,
EBh, 0Ch), with different dummy clocks
FR
fC1
D.C.
33~104
MHz
Clock frequency for all other SPI/QPI instructions
2.7V-3.6V VCC & Industrial Temperature
FR
fC1
D.C.
104
MHz
Clock High, Low Time
for all instructions except for Read Data (03h)
tCLH,
tCLL(1)
4
ns
Clock High, Low Time
for Read Data (03h) instruction
tCRLH,
tCRLL(1)
8
ns
Clock Rise Time peak to peak
tCLCH(2)
0.1
V/ns
Clock Fall Time peak to peak
tCHCL(2)
0.1
V/ns
/CS Active Setup Time relative to CLK
tSLCH
tCSS
5
ns
/CS Not Active Hold Time relative to CLK
tCHSL
5
ns
Data In Setup Time
tDVCH
tDSU
2
ns
Data In Hold Time
tCHDX
tDH
3
ns
/CS Active Hold Time relative to CLK
tCHSH
3
ns
/CS Not Active Setup Time relative to CLK
tSHCH
3
ns
/CS Deselect Time (for Array Read
Array Read)
tSHSL1
tCSH
10
ns
/CS Deselect Time (for Erase or Program
Read
Status Registers)
Volatile Status Register Write Time
tSHSL2
tCSH
50
50
ns
Output Disable Time
tSHQZ(2)
tDIS
7
ns
Clock Low to Output Valid
2.7V-3.0V / 3.0V-3.6V
tCLQV1
tV1
7 / 6
ns
Clock Low to Output Valid (Non-array Read)
2.7V-3.0V / 3.0V-3.6V
tCLQV2
tV2
8.5 / 7.5
ns
Output Hold Time
tCLQX
tHO
2
ns
/HOLD Active Setup Time relative to CLK
tHLCH
5
ns
Continued – next page


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn