Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

W25Q128FVEIG Datasheet(HTML) 26 Page - Winbond

Part No. W25Q128FVEIG
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINBOND [Winbond]
Homepage  http://www.winbond.com
Logo 

W25Q128FVEIG Datasheet(HTML) 26 Page - Winbond

Back Button W25Q128FVEIG Datasheet HTML 26Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 97 page
background image
W25Q128FV
- 25 -
8.1.3
Instruction Set Table 2 (Standard/Dual/Quad SPI Instructions)(1)
Data Input Output
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Clock Number
(0 – 7)
(8 – 15)
(16 – 23)
(24 – 31)
(32 – 39)
(40 – 47)
Read Unique ID
4Bh
Dummy
Dummy
Dummy
Dummy
(UID63-UID0)
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
D7-D0
(3)
Quad Page Program
32h
A23-A16
A15-A8
A7-A0
D7-D0, …
(9)
D7-D0, …
(3)
Sector Erase (4KB)
20h
A23-A16
A15-A8
A7-A0
Block Erase (32KB)
52h
A23-A16
A15-A8
A7-A0
Block Erase (64KB)
D8h
A23-A16
A15-A8
A7-A0
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0)
Fast Read Dual Output
3Bh
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0, …)
(7)
Fast Read Quad Output
6Bh
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0, …)
(9)
Read SFDP Register
5Ah
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0)
Erase Security Register
(5)
44h
A23-A16
A15-A8
A7-A0
Program Security Register
(5)
42h
A23-A16
A15-A8
A7-A0
D7-D0
D7-D0
(3)
Read Security Register
(5)
48h
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0)
Individual Block Lock
36h
A23-A16
A15-A8
A7-A0
Individual Block Unlock
39h
A23-A16
A15-A8
A7-A0
Read Block Lock
3Dh
A23-A16
A15-A8
A7-A0
(L7-L0)
Data Input Output
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
Clock Number
(0 – 7)
(8 – 11)
(12 – 15)
(16 – 19)
(20 – 23)
(24 – 27)
(28 – 31)
Fast Read Dual I/O
BBh
A23-A16
A15-A8
A7-A0
Dummy
(D7-D0)
Mftr./Device ID Dual I/O
92h
A23-A16
A15-A8
A7-A0
Dummy
(MF7-MF0)
(ID7-ID0)
Data Input Output
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
Byte 8
Byte 9
Clock Number
(0 – 7)
(8, 9)
(10, 11)
(12, 13)
(14, 15)
(16, 17)
(18, 19)
(20, 21)
(22, 23)
Set Burst with Wrap
77h
Dummy
Dummy
Dummy
W8-W0
Fast Read Quad I/O
EBh
A23-A16
A15-A8
A7-A0
M7-M0
Dummy
Dummy
(D7-D0)
(D7-D0)
Word Read Quad I/O
(12)
E7h
A23-A16
A15-A8
A7-A0
M7-M0
Dummy
(D7-D0)
(D7-D0)
(D7-D0)
Octal Word Read Quad I/O
(13)
E3h
A23-A16
A15-A8
A7-A0
M7-M0
(D7-D0)
(D7-D0)
(D7-D0)
(D7-D0)
Mftr./Device ID Quad I/O
94h
A23-A16
A15-A8
A7-A0
M7-M0
Dummy
Dummy
(MF7-MF0)
(ID7-ID0)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn