Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S903K3T6C Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM8S903K3T6C
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I짼C
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3T6C Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM8S903K3T6C Datasheet HTML 5Page - STMicroelectronics STM8S903K3T6C Datasheet HTML 6Page - STMicroelectronics STM8S903K3T6C Datasheet HTML 7Page - STMicroelectronics STM8S903K3T6C Datasheet HTML 8Page - STMicroelectronics STM8S903K3T6C Datasheet HTML 9Page - STMicroelectronics STM8S903K3T6C Datasheet HTML 10Page - STMicroelectronics STM8S903K3T6C Datasheet HTML 11Page - STMicroelectronics STM8S903K3T6C Datasheet HTML 12Page - STMicroelectronics STM8S903K3T6C Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
Description
2
The STM8S903K3 and STM8S903F3 8-bit microcontrollers offer 8 Kbytes Flash program
memory, plus integrated true data EEPROM. The STM8S microcontroller family reference
manual (RM0016) refers to devices in this family as low-density. They provide the following
benefits: performance, robustness, and reduced system cost.
Device performance and robustness are ensured by advanced core and peripherals made
in a state-of-the art technology, a 16 MHz clock frequency, robust I/Os, independent watchdogs
with separate clock source, and a clock security system.
The system cost is reduced thanks to an integrated true data EEPROM for up to 300
kwrite/erase cycles and a high system integration level with internal clock oscillators, watchdog
and brown-out reset.
Full documentation is offered as well as a wide choice of development tools.
Table 1: STM8S903K3/F3 access line features
STM8S903F3
STM8S903K3
Device
20
32
Pin count
16
(2)
28
(1)
Max. number of GPIOs
(I/Os)
16
28
Ext. interrupt pins
7
Timer CAPCOM
channels
2
3
Timer complementary
outputs
5
7
A/D converter channels
12
21
High sink I/Os
8K
Low density Flash
program memory(bytes)
640
(3)
Data EEPROM (bytes)
1K
RAM (bytes)
Multipurpose timer (TIM1), SPI, I
2C, UART window WDG,
independent WDG, ADC, PWM timer (TIM5), 8-bit timer (TIM6)
Peripheral set
(1) Including 21 high sink outputs
(2) Including 12 high sink outputs
(3) No read-while-write (RWW) capability
9/116
DocID15590 Rev 8
Description
STM8S903K3 STM8S903F3


Similar Part No. - STM8S903K3T6C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S903K3 STMICROELECTRONICS-STM8S903K3 Datasheet
1Mb / 121P
   16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
STM8S903K3 STMICROELECTRONICS-STM8S903K3 Datasheet
1Mb / 124P
   16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I짼C
May 2017
STM8S903K3 STMICROELECTRONICS-STM8S903K3_V01 Datasheet
1Mb / 124P
   16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I짼C
May 2017
More results

Similar Description - STM8S903K3T6C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S903K3 STMICROELECTRONICS-STM8S903K3_V01 Datasheet
1Mb / 124P
   16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I짼C
May 2017
STM8S903K3 STMICROELECTRONICS-STM8S903K3 Datasheet
1Mb / 121P
   16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC
CR8F612X STMICROELECTRONICS-CR8F612X Datasheet
1Mb / 89P
   16 MHz CR8F 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM,640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C
April 2009 Rev 1
STM8S003F3U6TR STMICROELECTRONICS-STM8S003F3U6TR Datasheet
956Kb / 100P
   Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I짼C
June 2012 Rev 3
STM8S103K3T6C STMICROELECTRONICS-STM8S103K3T6C Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
STM8S103F2 STMICROELECTRONICS-STM8S103F2 Datasheet
1Mb / 121P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
February 2017
STM8S103F3P6TR STMICROELECTRONICS-STM8S103F3P6TR Datasheet
1Mb / 113P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
September 2010 Rev 6
STM8S103F3U6TR STMICROELECTRONICS-STM8S103F3U6TR Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
June 2012 Rev 9
STM8S103F3M3 STMICROELECTRONICS-STM8S103F3M3 Datasheet
1Mb / 117P
   Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I짼C
STM8S003K3T6C STMICROELECTRONICS-STM8S003K3T6C Datasheet
956Kb / 100P
   Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I짼C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com