Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC221ASJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC221ASJ
Description  Dual Non-Retriggerable Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC221ASJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC221ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHC221ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHC221ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHC221ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC221ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC221ASJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC221ASJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHC221ASJ Datasheet HTML 8Page - Fairchild Semiconductor 74VHC221ASJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 1994
Revised May 1999
© 1999 Fairchild Semiconductor Corporation
DS011680.prf
www.fairchildsemi.com
74VHC221A
Dual Non-Retriggerable Monostable Multivibrator
General Description
The VHC221A is an advanced high speed CMOS
Monostable Multivibrator fabricated with silicon gate CMOS
technology. It achieves the high speed operation similar to
equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation. Each multivibrator features
both a negative, A, and a positive, B, transition triggered
input, either of which can be used as an inhibit input. Also
included is a clear input that when taken LOW resets the
one-shot. The VHC221A can be triggered on the positive
transition of the clear while A is held LOW and B is held
HIGH. The VHC221A is non-retriggerable, and therefore
cannot be retriggered until the output pulse times out. The
output pulse width is determined by the equation:
PW
= (Rx)(Cx); where PW is in seconds, R is in ohms,
and C is in farads.
Limits for Rx and Cx are:
External capacitor, Cx: No limit
External resistors, Rx: VCC= 2.0V, 5 kΩ min
VCC > 3.0V, 1 kΩ min
An input protection circuit ensures that 0 to 7V can be
applied to the input pins without regard to the supply volt-
age. This device can be used to interface 5V to 3V systems
and two supply systems such as battery back up. This cir-
cuit prevents device destruction due to mismatched supply
and input voltages.
Features
s High Speed: tPD = 8.1 ns (typ) at VCC = 5V
s Low Power Dissipation: ICC = 4 µA (Max) at TA = 25°C
s Active State: ICC = 600 µA (Max) at TA = 25°C
s High Noise Immunity: VNIH = VNIL = 28% VCC (min)
s Power down protection is provided on all inputs
s Pin and function compatible with 74HC221A
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74VHC221AM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
74VHC221ASJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC221AMTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC221AN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - 74VHC221ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC221ASJ FAIRCHILD-74VHC221ASJ Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221ASJ FAIRCHILD-74VHC221ASJ_07 Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
More results

Similar Description - 74VHC221ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC221AMX FAIRCHILD-74VHC221AMX Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A_04 Datasheet
120Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221A FAIRCHILD-74VHC221A_07 Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A Datasheet
108Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com