Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

01530008Z Datasheet(HTML) 1 Page - Littelfuse

Part No. 01530008Z
Description  Blade Fuse Holders - PCB Mount Fuse Holder for MINI® Style Blade Fuse
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

01530008Z Datasheet(HTML) 1 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 1 page
background image
86
w w w . l i t t e l f u s e . c o m
© 2008 Littelfuse Automotive Circuit Protection Products
Blade Fuse Holders - PCB Mount Fuse Holder
for MINI® Style Blade Fuse
153009
UL 15A CSA 10A (32V)
Part Number
Artikel-Nr.
Description
Beschreibung
Fuse Rating
Sicherungs-
Nennstrom
01530007_
Horizontal Mount
15 A
01530031_
20 A
01530008_
Single vertical Mount (or End Unit)
15 A
01530032_
20 A
01530009_
Stackable vertical Mount
15 A
01530033_
20 A
The MINI® Fuse PCB Fuse Holders bring the reliability and
availability of the plug-in 32V MINI® Fuse to the circuit board.
Vertical and horizontal mounting of units is offered. The Fuse
Holder has “standoffs” to accommodate board washing and
incorporates a unique “board lock” anchor to maintain a firm
mechanical bond to the PCB.
Mit dem MINI®-PCB-Sicherungshalter kann die 32V-MINI-
Stecksicherung in vertikaler und horizontaler Montage auch
auf Leiterplatten verbaut werden. Der Sicherungshalter
hat Abstandshalter, die das Waschen der Leiterplatte
ermöglichen, und eine einzigartige Verankerung, die beim
Einsetzen oder Wechseln der Sicherung immer eine feste
Verbindung zur Leiterplatte sicherstellt.
153007
153008
Series
Serien
Pack
Size
015300xLXN
50
015300xZ
500
01530033xZ
5000
Fuse Holders-PCB


Html Pages

1 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn