Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A1002
Description  Desoldering Gun for HAKKO 474.475
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A1002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A1002 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Desoldering Gun for HAKKO 474. 475
Nozzle Temperature Start-up Graph
Construction of Filter Pipe
The color of the indicator will
tell you when it is time to
replace the filter.
Name
HAKKO 474
HAKKO 475
Part No.
A1002
A1003
A1004
A1005
A1006
A1007
A
B
0.8
1.8
1.0
2.0
0.8
2.3
1.0
2.5
1.3
3.0
1.6
3.0
Desoldering Gun
Model No.
Power Consumption
Temperature
Standard Nozzle
Heating Element
Outer Dimensions
Weight (w/o Cord & Hose)
809
AC 24V/50W
380˚~480˚
A1003 (Nozzle S ø1.0mm)
Ceramic Heater
135(W)¿174(H)mm
Approx. 200g
Specifications
Contents
Station
Desoldering Gun
(C1183)
Station
Desoldering Gun
(C1183)
Accessories
Filter Pipe……………………………………………1
Cleaning Pin for ø1.0mm Nozzle ……………………1
Cleaning Pin for Heating Element……………………1
Cleaning Drill for ø1.0mm Nozzle …………………1
Ceramic Paper Filter (S) ……………………………2
Ceramic Paper Filter (L) ……………………………4
Spring Filter …………………………………………3
Silicone Grease ……………………………………1
Iron Holder …………………………………………1
Spanner Wrench ……………………………………1
Replacement Nozzle
Packing List
500
450
400
350
300
250
200
150
100
50
0 40 80 120 160 200 (sec)
(;)
HAKKO 474 / 475
A
B
A
B
Front Holder
Spring Filter
Filter Pipe
Ceramic Paper Filter(L)
Unit : mm
Temperature
Heat-up Time
400˚
80 sec.
480˚
180 sec.


Similar Part No. - A1002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1002 ETC1-A1002 Datasheet
1Mb / 24P
   Desoldering Tool
A1002 ETC2-A1002 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
More results

Similar Description - A1002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1042 ETC1-A1042 Datasheet
1Mb / 24P
   Desoldering Tool
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
   DESOLDERING BRAID
logo
OEN India Limited
04-TG1 OENINDIA-04-TG1 Datasheet
54Kb / 1P
   Tie Gun
logo
Festo Corporation.
184322 FESTO-184322 Datasheet
92Kb / 1P
   Air gun nozzle
565316 FESTO-565316 Datasheet
60Kb / 1P
   Air gun nozzle
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
3M Electronics
26832 3M-26832 Datasheet
306Kb / 7P
   Performance Spray Gun
logo
Festo Corporation.
184321 FESTO-184321 Datasheet
63Kb / 1P
   Air gun nozzle
565317 FESTO-565317 Datasheet
59Kb / 1P
   Air gun nozzle
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com