Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1653Q Datasheet(PDF) 27 Page - Integrated Device Technology

Part # DAC1653Q
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1653Q Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button DAC1653Q Datasheet HTML 23Page - Integrated Device Technology DAC1653Q Datasheet HTML 24Page - Integrated Device Technology DAC1653Q Datasheet HTML 25Page - Integrated Device Technology DAC1653Q Datasheet HTML 26Page - Integrated Device Technology DAC1653Q Datasheet HTML 27Page - Integrated Device Technology DAC1653Q Datasheet HTML 28Page - Integrated Device Technology DAC1653Q Datasheet HTML 29Page - Integrated Device Technology DAC1653Q Datasheet HTML 30Page - Integrated Device Technology DAC1653Q Datasheet HTML 31Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
27 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
11.2.1 SPI configuration block
This block of registers specifies how the SPI controller and the identification of the chip
work.
11.2.1.1 Protocol description
The DAC165xQ serial interface is a synchronous serial communication port allowing easy
interfacing with many industry microprocessors. It provides access to the registers that
define the operating modes of the chip in both Write mode and Read mode. The reference
voltage of the interface is VDDD(IO). Depending on the power supply level of the SPI master
device, it can be set to either 1.2 V or 1.8 V.
This interface can be configured as a 3-wire type (SDIO as bidirectional pin) or a 4-wire
type (SDIO and SDO as unidirectional pins, input and output ports, respectively). In both
configurations, SCLK acts as the serial clock and SCS_N acts as the serial chip select.
The DAC165xQ SPI-interface is a slave-device. Multiple slave-devices can be attached to
the same master interface as long as each device has its own serial chip select signal
(SCS_N).
Fig 8.
SPI register blocks partition: DAC C/D
power
on/off
sleep
CLOCK DISTRIBUTION
CLOCK GENERATION
DIRECT MODE/
DIVIDE BY 2 MODE
DACC
DACD
VIN_CD_P3
VIN_CD_N3
SYNCB_CD_P
SYNCB_CD_N
VIN_CD_P2
VIN_CD_N2
VIN_CD_P1
VIN_CD_N1
VIN_CD_P0
L0
Eq
L1
L2
L3
VIN_CD_N0
MDS Managment
SYSREF
EAST
SYSREF
WEST
INTERRUPTS
BLOCK 0320h/0340h: JESD204 READ CONFIGURATION
DID, BID, ADJ_CNT, ADJ_DIR, PH_ADJ, SCR, L,
F, K, M, N, N, SBCLSS_VS, S, HD, CF,
JESD_VS, RES1, RES2, FCHK
BLOCK 0360h: RX PHY
BLOCK 02C0h: RX DLP
BLOCK 0260h: INTERFACE DAC DSP
BLOCK 0220h: DUAL DAC CORE
BLOCK 0380h:
RX PHY MONITORING
Auto Equalizer
CDR
Termination
Calibration
Lanes Lock
ILA monitoring
Error detection
Simple BER
Flags counter
BLOCK 02E0h:
RX DLP MONITORING
BLOCK 02A0h:
MUTIPLES DEVICES SYNCHRONIZATION/INTERRUPTS
Eq
Eq
Eq
Sync Mgmt
AUTO CAL
EQUALIZER
CONTROL
BLOCK 0240h: MAIN CONTROLS
MONITORING
CONTROL


Similar Part No. - DAC1653Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G0NAGA RENESAS-DAC1653Q1G0NAGA Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G0NAGA8 RENESAS-DAC1653Q1G0NAGA8 Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G5NAGA RENESAS-DAC1653Q1G5NAGA Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G5NAGA8 RENESAS-DAC1653Q1G5NAGA8 Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
More results

Similar Description - DAC1653Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
logo
Texas Instruments
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Maxim Integrated Produc...
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
logo
Linear Technology
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664_15 Datasheet
233Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com