Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1653Q Datasheet(HTML) 33 Page - Integrated Device Technology

Part No. DAC1653Q
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1653Q Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button DAC1653Q Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
33 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
Remark: The INTERPOLATION setting must be coupled with the DCLK and WCLK clock
configurations and with CDI mode .
Fig 15. First stage half-band filter response (used in
2, 4, and 8 interpolation)
Fig 16. Second stage half-band filter response (used in
2, 4, and 8 interpolation)
NF (fs)
0
0.5
0.4
0.2
0.3
0.1
magnitude
(dB)
0
-100
-20
-40
-80
-60
NF (fs)
0
0.5
0.4
0.2
0.3
0.1
magnitude
(dB)
0
-100
-20
-40
-80
-60


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn