Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1653Q Datasheet(HTML) 34 Page - Integrated Device Technology

Part No. DAC1653Q
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1653Q Datasheet(HTML) 34 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
34 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
Fig 17. Third stage half-band filter response (used in
2, 4, and 8 interpolation)
Table 15: Interpolation filter coefficients
First interpolation filter
Second interpolation filter
Third interpolation filter
Lower
Upper
Value
Lower
Upper
Value
Lower
Upper
Value
-
H(27)
+65536
H(11)
-
+32768
H(7)
-
+1024
H(26)
H(28)
+41501
H(10)
H(12)
+20272
H(6)
H(8)
+615
H(25)
H(29)
0
H(9)
H(13)
0
H(5)
H(9)
0
H(24)
H(30)
13258
H(8)
H(14)
5358
H(4)
H(10)
127
H(23)
H(31)
0
H(7)
H(15)
0
H(3)
H(11)
0
H(22)
H(32)
+7302
H(6)
H(16)
+1986
H(2)
H(12)
+27
H(21)
H(33)
0
H(5)
H(17)
0
H(1)
H(13)
0
H(20)
H(34)
4580
H(4)
H(18)
654
H(0)
H(14)
3
H(19)
H(35)
0
H(3)
H(19)
0
-
-
-
H(18)
H(36)
+2987
H(2)
H(20)
+159
-
-
-
H(17)
H(37)
0
H(1)
H(21)
0
-
-
-
H(16)
H(38)
1951
H(0)
H(22)
21
---
H(15)
H(39)
0
-
-
----
H(14)
H(40)
+1250
-
-
----
H(13)
H(41)
0
-
-
----
H(12)
H(42)
-773
-
-
----
H(11)
H(43)
0
-
-
----
H(10)
H(44)
+456
-
-
----
H(9)
H(45)
0
-
-
----
H(8)
H(46)
252
------
H(7)
H(47)
0
-
-
----
H(6)
H(48)
+128
-
-
----
H(5)
H(49)
0
-
-
----
H(4)
H(50)
58
------
NF (fs)
0
0.5
0.4
0.2
0.3
0.1
magnitude
(dB)
0
-100
-20
-40
-80
-60


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn