Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1653Q Datasheet(HTML) 35 Page - Integrated Device Technology

Part No. DAC1653Q
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1653Q Datasheet(HTML) 35 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
35 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
The dependency of the FIR1 output y(m) on its inputs x(m) is defined by Equation 1:
(1)
The dependency of the FIR2 output Y(m) on its inputs X(m) is defined by Equation 2:
(2)
The dependency of the FIR3 output Y(m) on its inputs X(m) is defined by Equation 3:
(3)
11.2.3.3 Single SideBand Modulator (SSBM)
The single sideband modulator is a quadrature modulator that enables the mixing of the
I_XY data and Q_XY data with the sine and cosine signals generated by the NCO to
generate path X and Y as described in Figure 18.
H(3)
H(51)
0
-
-
----
H(2)
H(52)
+22
-
-
----
H(1)
H(53)
0
-
-
----
H(0)
H(54)
6
-
-----
Table 15: Interpolation filter coefficients …continued
First interpolation filter
Second interpolation filter
Third interpolation filter
Lower
Upper
Value
Lower
Upper
Value
Lower
Upper
Value
y m

1
H27

----------------
Hn
:xm n


n0
=
n54
=
=
y m

1
H11

----------------
Hn
:xm n


n0
=
n22
=
=
y m

1
H7

-------------
Hn
:xm n


n0
=
n14
=
=
Fig 18. Single sideband modulator principle
+/
cos
X
Y
I_XY
sin
+/
sin
Q_XY
cos
+/


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn