Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1653Q Datasheet(HTML) 41 Page - Integrated Device Technology

Part No. DAC1653Q
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1653Q Datasheet(HTML) 41 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
41 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
The mute feature is set by enabling bit MUTE_EN_XY in register MUTE_CTRL_0_XY .
Mute events
The MUTE action is triggered by one of the following mute events. Each of them is linked
to either an error detection, a status change or signal power monitoring:
SPI_SW_MUTE_XY:
Software event that can be requested by the host interface through the SPI bus.
RF_EN_XY:
Hardware event that can be requested by the host interface through pins SR_TG_AB
and SR_TG_CD.
CLK_MON_XY:
Event linked to the monitoring of the clocks in the receiver physical layer control block.
MON_DCLK_ERR_XY:
Event triggered when a clock error occurs in the CDI .
CA_ERR_XY:
Event triggered when a clock error occurs in the DLP .
TEMP_ALARM_XY:
Event triggered when the temperature sensor measures a temperature that exceeds
the threshold value. TEMP_SEL_MAN_XY must be specified first.
ERR_RPT_FLAG_XY:
Event triggered when DATA_INVALID is detected by the DLP .
LVL_DET_OR_XY:
Fig 21. Auto-mute state machine
normal operating mode
digital gains are
equal to initial values
one of the « mute events »
is triggered
digital gains set
to initial values
IDLE
DEMUTE
WAIT
MUTE
« wait period » elapsed and
« mute event » deasserted
digital gains to
initial values within
specified « mute rate »
digital gains kept
at zero during
« wait period » time
digital gains
equal zero
digital gains decreased
to zero within specified
« mute rate »
one of the « mute events »
is triggered


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn