Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1653Q Datasheet(HTML) 68 Page - Integrated Device Technology

Part No. DAC1653Q
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1653Q Datasheet(HTML) 68 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
68 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
Indicates that the temperature measured by the on-chip temperature sensor exceeds
the threshold temperature .
LVL_DET_OR_XY:
Indicates that one of the level detectors is enabled.
CA_ERR_XY:
Indicates a DLP clock error.
CLK_MON_XY:
Indicates a CDI clock error.
DCLK_ERR_MON_XY:
Indicates a drift on the DCLK as specified by register
INTR_DCLK_MON_RANGE_XY .
ERR_RPT_FLAG_XY:
Indicates the transmission of error reporting via the SYNCB interface.
ALARM_STATE_XY:
Indicates when an auto-mute event occurs .
11.7.2 Enabling interrupts
An indication if an 0
1 transition of the corresponding monitor- or error indicator activates
the INTR-signal can be given using the INTR_EN_XY registers . The INTR_FLAGS_XY
registers indicate which of the selected events has invoked the interrupt. When bit
INTR_RST_XY is set to 1 the flags and the INTR-signal are reinitialized.
11.7.3 Digital Lane Processing (DLP) interrupt controller
The DLP has its own interrupt controller that reports to the main interrupt controller. This
DLP interrupt controller is managed from the SPI registers of block x00E0 (see Figure 49).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn