Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1653Q Datasheet(HTML) 70 Page - Integrated Device Technology

Part No. DAC1653Q
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1653Q Datasheet(HTML) 70 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
70 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
As this interrupt controller is dedicated to the JESD204B serial interface the
INTR_MOD_XY bits must be specified according to the LMF configuration used in the
system.
[1]
The lane numbering refers to the logical lanes
[2]
Any mode can also be used for debug purposes.
[3]
The "HOLD_FLAG_CNT_EN_XY" feature is explained in .
Register INTR_DLP_XY is reinitialized when the bit INTR_RST_XY control is set to logic
1 .
The DLP events that can be monitored with the interrupt controller are programmable via
register INTR_EN_XY . Those events are related to the lanes specified by the
INTR_MOD_XY bits in register INTR_SER_CTRL_XY . They can be enabled by the
following bits:
INTR_EN_NIT_XY: A Not-In-Table (NIT) error has occurred on one of the lanes
INTR_EN_DISP_XY: A disparity error has occurred on one of the lanes
INTR_EN_KOUT_XY: K control characters have been detetected on one of the lanes
INTR_EN_KOUT_UNEXP_XY: An unexpected K control character has been detected
on one of the lanes
INTR_EN_K28_7_XY: A K28.7 symbol has been detected on one of the lanes
INTR_EN_K28_5_XY: A K28.5 symbol has been detected on one of the lanes
INTR_EN_K28_3_XY: A K28.3 symbol has been detected on one of the lanes
INTR_EN_MISC_XY: An event related to the INTR_MISC_EN_XY register has
occurred
Register INTR_MISC_EN_XY refers to two kinds of events, mainly for debug
purposes:
– Lane x has reached the CS_INIT state
– An error has occurred in the ILA alignment process on lane x
Table 27.
INTR_MOD settings
INTR_MOD_XY
Interrupt setting[1]
Nominal LMF
use[2]
000
DLP interrupt depends on lane 0
124
001
DLP interrupt depends on lane 1
124
010
DLP interrupt depends on lane 2
124
011
DLP interrupt depends on lane 3
124
100
DLP interrupt depends on lane 0 or lane 2
222
101
DLP interrupt depends on lane 0 or lane 1 or lane 2 or lane 3 421 / 422
110
HOLD_FLAG_CNT_EN_XY[3]
-
111
no interrupt
-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn