Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1653Q Datasheet(PDF) 74 Page - Integrated Device Technology

Part # DAC1653Q
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1653Q Datasheet(HTML) 74 Page - Integrated Device Technology

Back Button DAC1653Q Datasheet HTML 70Page - Integrated Device Technology DAC1653Q Datasheet HTML 71Page - Integrated Device Technology DAC1653Q Datasheet HTML 72Page - Integrated Device Technology DAC1653Q Datasheet HTML 73Page - Integrated Device Technology DAC1653Q Datasheet HTML 74Page - Integrated Device Technology DAC1653Q Datasheet HTML 75Page - Integrated Device Technology DAC1653Q Datasheet HTML 76Page - Integrated Device Technology DAC1653Q Datasheet HTML 77Page - Integrated Device Technology DAC1653Q Datasheet HTML 78Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
74 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
11.7.5.3 Scrambling
The descrambler is a 16-bit parallel self-synchronous descrambler based on the
polynomial 1 + x14 + x15. From the JESD204B specification, the scrambling/descrambling
process only occurs on the user data, not on the code group synchronization or the ILA
sequence. After two received bytes, the descrambler is correctly set up to decode the data
in the proper way. However, it the initial state of the descrambler bits is set incorrectly, the
two first decoded bytes are decoded incorrectly. The JESD204B specification proposes
an initial state for both scrambler and descrambler to avoid this.
Using registers INIT_DESCR_P_LNx_XY any kind of intitial state can be set in the
DAC165xQ. The descrambling process starts when the ILA sequence has finished. This
process can be turned off by deasserting bit DESCR_EN_XY in register ILA_CTRL_1_XY
.
11.7.5.4 Lane swapping and selection
If the physical lanes do not match with the ordering of the transmitter lanes, they can be
reordered using the lane swapping module. As the DAC165xQ allows various LMF
configurations , it is important that the lane swapping respects the following reordering
constraints linked to the L value (see Table 28).
The selection of the logical lanes can be is specified by the LN_SEL_L_LNx_XY bits of
register LN_SEL_XY .
Table 29 shows the possible choices regarding the value of the L parameter.
Table 28.
Logical lanes versus L values
L value
Logical lanes used for the Sample assembly module
Binary
Decimal
DAC A/B
100
4
logical lane 0
logical lane 1
logical lane 2
logical lane 3
010
2
logical lane 0
logical lane 2
001
1
logical lane 0
DAC C/D
100
4
logical lane 0
logical lane 1
logical lane 2
logical lane 3
010
2
logical lane 0
logical lane 2
001
1
logical lane 0


Similar Part No. - DAC1653Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G0NAGA RENESAS-DAC1653Q1G0NAGA Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G0NAGA8 RENESAS-DAC1653Q1G0NAGA8 Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G5NAGA RENESAS-DAC1653Q1G5NAGA Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G5NAGA8 RENESAS-DAC1653Q1G5NAGA8 Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
More results

Similar Description - DAC1653Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
logo
Texas Instruments
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Maxim Integrated Produc...
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
logo
Linear Technology
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664_15 Datasheet
233Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com