Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1653Q Datasheet(HTML) 86 Page - Integrated Device Technology

Part No. DAC1653Q
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1653Q Datasheet(HTML) 86 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
86 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
11.8.1 Lane input
Each lane is Current Mode Logic (CML) compliant.
The common-mode voltage and the termination resistor can be programmed using
register HS_RX_RT_VCM_XY and registers HS_RX_LNx_RT_REF_SIZE_XY
(0x12 to 0x16). When not used, the lane input buffer can be set to a high impedance
mode (register HS_RX_RT_CTRL_XY;).
Blocks 0160h/0180h = DAC A/B
Blocks 0360h/0380h = DAC C/D
Blocks 0560h/0580h = All DACs
Fig 54. RX PHY control overview
Vcm
Registers followed by a * could be read back at the same
position (address and bits) in block 0220h to check the
validation of the controlled action.
10.N
M
HS_RX_CDR_DIVN_XY
HS_RX_CDR_DIVM_XY
HS_RX_CDR_LOW_SPEED_EN_XY
REFERENCES
HS_RX_RT_VCM_SEL_XY*
HS_RX_RT_VCM_REF_XY*
SYNC B
SYNC_SET_VCM_XY
SYNC_SET_LVL_XY
EQUALIZER
HS_RX_LN0_EQZ_IF_GAIN_XY
HS_RX_LN0_RT_EN_XY* HS_RX_LN0_RT_HIZ_EN_XY*
HS_RX_EQZ_AUTO_ZERO_EN_XY
HS_RX_LN0_EQZ_EN_XY
AUTO_ZERO
VIN_AB_P0/
VIN_CD_P0
VIN_AB_N0/
VIN_CD_N0
BLOCK 0160h/0360h/0560h: RX PHY / BLOCK 0180h/0380h/0580h: RX PHY monitoring *
RESISTOR TERMINATION
HS_RX_LN0_RT_REF_SIZE_XY
VIN_AB_P1/
VIN_CD_P1
VIN_AB_N1/
VIN_CD_N1
VIN_AB_P2/
VIN_CD_P2
VIN_AB_N2/
VIN_CD_N2
SYNC_EN_XY
VIN_AB_P3/
VIN_CD_P3
VIN_AB_N3/
VIN_CD_N3
Vcm
EQUALIZER
HS_RX_LN1_EQZ_IF_GAIN_XY
HS_RX_LN1_RT_EN_XY* HS_RX_LN1_RT_HIZ_EN_XY*
HS_RX_LN1_EQZ_EN_XY
AUTO_ZERO
RESISTOR TERMINATION
HS_RX_LN1_RT_REF_SIZE_XY
Vcm
EQUALIZER
HS_RX_LN2_EQZ_IF_GAIN_XY
HS_RX_LN2_RT_EN_XY* HS_RX_LN2_RT_HIZ_EN_XY*
HS_RX_LN2_EQZ_EN_XY
AUTO_ZERO
RESISTOR TERMINATION
HS_RX_LN2_RT_REF_SIZE_XY
Vcm
EQUALIZER
HS_RX_LN3_EQZ_IF_GAIN_XY
HS_RX_LN3_RT_EN_XY* HS_RX_LN3_RT_HIZ_EN_XY*
HS_RX_LN3_EQZ_EN_XY
AUTO_ZERO
RESISTOR TERMINATION
HS_RX_LN3_RT_REF_SIZE_XY
DCLK
(see block 0040h)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn