Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1653Q Datasheet(HTML) 96 Page - Integrated Device Technology

Part No. DAC1653Q
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1653Q Datasheet(HTML) 96 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
96 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
14. Glossary
14.1 Static parameters
INL — The deviation of the transfer function from a best fit straight line (linear regression
computation).
DNL — The difference between the ideal and the measured output value between
successive DAC codes.
14.2 Dynamic parameters
Spurious-Free Dynamic Range (SFDR) — The ratio between the RMS value of the
reconstructed output sine wave and the RMS value of the largest spurious observed
(harmonic and non-harmonic, excluding DC component) in the frequency domain.
InterModulation Distortion (IMD) — From a dual-tone digital input sine wave (these two
frequencies being close together), the intermodulation distortion products IMD2 and IMD3
(second order and third order components) are defined below.
IMD2 — The ratio between the RMS value of either tone and the RMS value of the worst
second order intermodulation product.
IMD3 — The ratio between the RMS value of either tone and the RMS value of the worst
third order intermodulation product.
Total Harmonic Distortion (THD) — The ratio between the RMS value of the harmonics
of the output frequency and the RMS value of the output sine wave. Usually, the
calculation of THD is done on the first 5 harmonics.
Signal-to-Noise Ratio (SNR) — The ratio between the RMS value of the reconstructed
output sine wave and the RMS value of the noise excluding the harmonics and the DC
component.
Restricted BandWidth Spurious-Free Dynamic Range (SFDRRBW) — the ratio
between the RMS value of the reconstructed output sine wave and the RMS value of the
noise, including the harmonics, in a given bandwidth centered around foffset.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn