Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1653Q Datasheet(HTML) 12 Page - Integrated Device Technology

Part No. DAC1653Q
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1653Q Datasheet(HTML) 12 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
9.2 Specific characteristics
Table 6.
Specific characteristics
VDDA1V2 = 1.2 V; VDDD1V2 = 1.2 V; Typical values measured at Tamb = +25 C; RL = 50 ; IO(fs) = 20 mA; maximum sample rate used; no inverse (sinus x) / x; no
output correction; output level = 1 V (p-p); unless otherwise specified.
Symbol
Parameter
Conditions
Test DAC1658Q:
High common-mode
DAC1653Q:
Low common-mode
Unit
Min
Typ
Max
Min
Typ
Max
Currents
IDDA
analog supply
current (3.3 V)
all use cases
C
-
126
-
-
246
-
mA
IDDD(IO)
digital supply
current for IO
pins
Link to SPI IO0/IO1/IO2/IO3 activity
C
-
2
-
-
2
-
mA
IDDD(SYNC)
digital supply
current for
SYNC pins
VDDD(diff) = 1.2 V
C
-
22
-
-
22
-
mA
VDDD(diff) = 1.8 V
C
-
38
-
-
38
-
mA
IDDD
digital supply
current
NCO off;
2 interpolation;; MDS off;
invsinc off, phase correction off
fs = 983.04 Msps
C
-
394
-
-
394
-
mA
fs = 1228.8 Msps
C
-
<tbd>
-
-
<tbd>
-
mA
fs = 1474.56 Msps
C
-
548
-
-
548
-
mA
fs = 1760.00 Msps
C
-
<tbd>
-
-
<tbd>
-
mA
NCO on at 150 MHz;
2 interpolation;;
MDS off; invsinc off, phase correction
on
fs = 983.04 Msps
C
-
<tbd>
-
-
<tbd>
-
mA
fs = 1228.8 Msps
C
-
<tbd>
-
-
<tbd>
-
mA
fs = 1474.56 Msps
C
-
680
-
-
680
-
mA
fs = 1760.00 Msps
C
-
<tbd>
-
-
<tbd>
-
mA
IDDA(1V2)
analog supply
current
VDDA(1V2) = 1.2 V
C
-
412
-
-
412
-
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn