Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1653Q Datasheet(HTML) 15 Page - Integrated Device Technology

Part No. DAC1653Q
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1653Q Datasheet(HTML) 15 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
10. Dynamic characteristics
Table 7.
Dynamic characteristics DAC165xQ1G5
VDDA1V2 = 1.2 V; VDDD1V2 = 1.2 V; Typical values measured at Tamb = +25 C; RL = 50  ; IO(fs) = 20 mA; maximum sample rate used; no auxiliary DAC; no inverse
(sinus x) / x; no output correction; output level = 1 V (p-p); unless otherwise specified.
Symbol
Parameter
Conditions
Test
[1]
DAC1658Q:
High common-mode
DAC1653Q:
Low common-mode
Unit
Min
Typ
Max
Min
Typ
Max
SFDR
spurious-free
dynamic range
fdata = 737.28 MHz; fs = 1474.56 Msps;
B = fs / 2
VDDA = 3.3 V; fo = 20 MHz
at
1 dBFS
I
-
85
-
-
85
-
dBc
at
7 dBFS
I
-
<tbd>
-
-
<tbd>
-
dBc
at
14 dBFS
I
-
<tbd>
-
-
<tbd>
-
dBc
VDDA = 3.3 V; fo = 150 MHz
at
1 dBFS
I
-
83
-
-
81
-
dBc
at
7 dBFS
I
-
<tbd>
-
-
<tbd>
-
dBc
at
14 dBFS
I
-
<tbd>
-
-
<tbd>
-
dBc
VDDA = 2.5 V; fo = 20 MHz
at
1 dBFS
I
n.a.
-
83
-
dBc
at
7 dBFS
I
n.a.
-
<tbd>
-
dBc
at
14 dBFS
I
n.a
-
<tbd>
-
dBc
VDDA = 2.5 V; fo = 150 MHz
at
1 dBFS
I
n.a.
-
81
-
dBc
at
7 dBFS
I
n.a.
-
<tbd>
-
dBc
at
14 dBFS
I
n.a.
-
<tbd>
-
dBc
SFDR(RBW) spurious-free
dynamic range
restricted
bandwidth
VDDA = 3.3 V; fo = 230 MHz
B = 300 MHz
at
1 dBFS
I
-
<tbd>
-
-
<tbd>
-
dBc
IMD3
third-order
intermodulation
distortion
VDDA = 3.3 V; fo1 = 20 MHz;
fo2 = 21 MHz; 7 dBFS per tone
I
-
86
-
-
86
-
dBc
VDDA = 3.3 V; fo1 = 230 MHz;
fo2 = 231 MHz; 7 dBFS per tone
I
-
84
-
-
82
-
dBc


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn