Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1658Q1G5NAGA Datasheet(HTML) 37 Page - Integrated Device Technology

Part No. DAC1658Q1G5NAGA
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1658Q1G5NAGA Datasheet(HTML) 37 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
37 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
The effect of the MODULATION parameter is better viewed after mixing the X and Y
signal with a LO frequency through an IQ modulator.
11.2.3.4 40-bit NCO
The SSBM used the complex signals coming from the NCO (Numeric Complex Oscillator)
to mix the I and Q signals. The 5 registers NCO_FREQ_XY_B0 to NCO_FREQ_XY_B4
over 40 bits can set the frequency.
The frequency is calculated with Equation 4:
(4)
Where:
M is the value set in the bits NCO_FREQ_XY[39:0] of the NCO frequency registers .
fs is the final DAC output clock sampling frequency
The registers NCO_PH_OFFSET_XY_LSB and NCO_PH_OFFSET_XY_MSB over
16 bits from 0
 to 360 can set the phase of the NCO.
The default settings represent an NCO frequency of 96 MHz when using a DAC clock of
640 Msps. For other DAC clock frequencies, use Equation 4 to define the associated
NCO frequency.
11.2.3.5 NCO low power
When using NCO low power (bit NCO_LP_SEL_XY), the five most significant bits of
register NCO_FREQ_XY_B4 (bits NCO_FREQ_XY[39:32]; bits [31:0] are masked by
zero) can set the frequency.
The frequency is calculated with Equation 5:
(5)
Where:
M is the value set in the bits NCO_FREQ_XY[39:0] of the NCO frequency registers .
fs is the DAC clock sampling frequency
11.2.3.6
Inverse sinx / x
A selectable FIR filter is incorporated to compensate the sinx / x effect caused by the
roll-off effect of the DAC. The coefficients are represented in Table 17. This feature is
controlled by register INV_SINC_SEL_XY
Fig 19. Complex modulation after LO mixing
0
LO-NCO
negative
positive
lower
upper
lower
upper
LO+NCO
LO
frequency
f NCO
Mf s
2
40
------------------
=
f NCO
Mf s
2
40
------------------
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn