Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1658Q1G5NAGA Datasheet(HTML) 4 Page - Integrated Device Technology

Part No. DAC1658Q1G5NAGA
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1658Q1G5NAGA Datasheet(HTML) 4 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
4 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
5. Block diagram
Fig 1.
DAC165xQ block diagram
IOUTB_P
IOUTB_N
IOUTA_P
IOUTA_N
+
OFFSET
CONTROL
cos
sin
cos
sin
DAC B
VIRRES
GAPOUT
+
Clip.
Clip.
10-bit
Gain
Control
10-bit
Gain
Control
REF.
BANDGAP
AND
BIASING
DAC A
x2
FIR 2
x2
FIR 1
x2
FIR 2
x2
FIR 3
x2
FIR 3
x2
FIR 1
VIN_AB_P3
VIN_AB_N3
DIGITAL LAYER
PROCESSING
JESD204B
SPI CONTROL REGISTERS
SDO
SDIO
CSB
SCLK
RESET_N
SYSREF_W_N
SYSREF_W_P
SYSREF_E_N
SYSREF_E_P
VIN_AB_P2
VIN_AB_N2
VIN_AB_P1
VIN_AB_N1
VIN_AB_P0
L0
L1
L2
L3
VIN_AB_N0
SYNCB_AB_N
SYNCB_AB_P
CLKIN_N
CLKIN_P
LANE
PROC
DAC
LANE
PROC
LANE
PROC
LANE
PROC
x
sin x
x
sin x
INTERRUPT MANAGMENT/
MONITORING FEATURES
IOUTD_P
IOUTD_N
IOUTC_P
IOUTC_N
+
OFFSET
CONTROL
DAC D
+
Clip.
Clip.
10-bit
Gain
Control
10-bit
Gain
Control
DAC C
x2
FIR 2
x2
FIR 1
x2
FIR 2
x2
FIR 3
x2
FIR 3
x2
FIR 1
VIN_CD_P3
VIN_CD_N3
DIGITAL LAYER
PROCESSING
JESD204B
VIN_CD_P2
VIN_CD_N2
VIN_CD_P1
VIN_CD_N1
VIN_CD_P0
L0
L1
L2
L3
VIN_CD_N0
SYNCB_CD_P
SYNCB_CD_N
LANE
PROC
LANE
PROC
LANE
PROC
LANE
PROC
x
sin x
x
sin x
CLOCK DOMAINS
MONITORING AND
SYNCHRONIZATION
CLOCK
GENERATOR
UNIT/PLL
CLOCK
DIVIDERS
GROUP
DELAY
COMPEN-
SATION
NCO_AB
40-bits frequency setting
16-bits phase adjustment
NCO_CD
40-bits frequency setting
16-bits phase adjustment
IO0
IO1
IO2
IO3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn