Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1658Q1G5NAGA Datasheet(HTML) 57 Page - Integrated Device Technology

Part No. DAC1658Q1G5NAGA
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1658Q1G5NAGA Datasheet(HTML) 57 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
57 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
From a system point of view, the TX and RX must share the same values for the internal
clocks but not necessarily the same device clocks. Figure 36 and Figure 37 show the
clocking scheme for an FPGA and a DAC working in an LMF-S = 421-1 configuration.
Fig 35. JESD204B system clocks
Table 26.
Relationship between various clocks
Clock name
Ratio with respect to
multi-frame clock
Comments regarding JESD204B specification
multi-frame clock
1
-
frame clock
 K
Ceil(17 / F)
 K  min(32, floor(1024 / F))
character clock
 F  K
F = 1 to 256
bit clock
 10  F  K
8b/10b encoding
sample clock
 S  K
S = 1 to 32
device clock
 D
D is integer
D
K
S
F
10
internal
MULTI-
FRAME
CLOCK
DEVICE
CLOCK
BIT CLOCK
CHARACTER
(OCTET)
CLOCK
FRAME
CLOCK
SAMPLE
CLOCK
Fig 36. Clocking scheme FPGA
10
7.5 Gbps
750 Msps
750 Msps
F = 1
DATA
CLOCK
750 Msps
25 MHz
D = 30
DAC
CLOCK
1.5 GHz
interpolation factor = x2
K = 30
S = 1
internal
device clock FPGA
LMFC FPGA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn