Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1658Q1G5NAGA Datasheet(PDF) 77 Page - Integrated Device Technology

Part # DAC1658Q1G5NAGA
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1658Q1G5NAGA Datasheet(HTML) 77 Page - Integrated Device Technology

Back Button DAC1658Q1G5NAGA Datasheet HTML 73Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 74Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 75Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 76Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 77Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 78Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 79Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 80Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 81Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
77 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
The CGS states of each lane can be monitored using the CSYNC_STATE_P_LNx_XY
bits of register CSYNC_STATE_LNx_XY . The definition of each state can be found in
Table 30.
11.7.5.6 SYNC configuration
The SYNC signal is the feedback signal that is sent to the transmitter device to ensure the
JESD204B link synchronization. When all lanes are in CSYNC_INIT state a
synchronization request is sent to the SYNC buffer that is linked to pins SYNC_OUTP and
SYNC_OUTN (see Figure 2).
The polarity of this buffer is controlled by bit SYNC_POL_XY of register
SYNCOUT_MOD_XY . By default the sync_request is active low. The sync_request
signal can be specified by bits SEL_SYNC and SYNC_INIT_LVL of register
SYNCOUT_MOD_XY register. Bit SYNC_INIT_LVL_XY of register SYNCOUT_MOD_XY
only specifies the state of the sync_request signal after resetting the CGS state machine
(at start-up time or after device reset only).
Fig 52. Code group synchronization
Table 30.
Code group synchronization state machine
CSYNC_STATE_LNn[1:0] Name
Definition
00
CSYNC_INIT
looking for K28_5 (/K/) symbol
01
CSYNC_CHCK
four consecutive K28_5 (/K/) symbols have been
received
10
CSYNC_DATA
code group synchronization achieved
reset/start-up
SYNC_INIT_LVL
sync_request
while receiving less than
4 consecutive
VALID K28.5 symbols
while receiving
VALID symbols
while receiving less than 4
consecutive VALID symbols
or
after receiving
3 INVALID symbols
after receiving 4 consecutive
VALID K28.5 symbols
after receiving 4
consecutive VALID symbols
after receiving 1
INVALID symbol
after receiving 3
INVALID symbols
CS_CHECK
CS_INIT
CS_DATA
Table 31.
Sync_request control
SEL_SYNC[2:0]
Description
000
sync_request active when state machine of one of the lanes is in CS_INIT
mode
001
sync_request active when state machine of all lanes is in CS_INIT mode
010
sync_request active when state machine of lane 0 is in CS_INIT mode
011
sync_request active when state machine of lane 1 is in CS_INIT mode


Similar Part No. - DAC1658Q1G5NAGA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1658Q1G5NAGA RENESAS-DAC1658Q1G5NAGA Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1658Q1G5NAGA8 RENESAS-DAC1658Q1G5NAGA8 Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
More results

Similar Description - DAC1658Q1G5NAGA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
logo
Texas Instruments
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Maxim Integrated Produc...
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
logo
Linear Technology
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664_15 Datasheet
233Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com