Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1658Q1G5NAGA Datasheet(HTML) 89 Page - Integrated Device Technology

Part No. DAC1658Q1G5NAGA
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1658Q1G5NAGA Datasheet(HTML) 89 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
89 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
11.9.1.3 IQ-modulator - DC interface
When the system operation requires to keep the DC component of the spectrum, the
DAC1658Q can use a DC interface to connect an IQ-modulator. In this case, the image of
the local oscillator can be canceled using the digital offset control in the device.
Figure 58 shows an example of a connection to an IQ modulator with a 1.7 V common
input level.
(1) If Rint = 100 , then Rext = not connected
(2) If Rint = 200  , then Rext = 200 
Fig 57. DAC1658Q with low input impedance IQ-modulator interface
IOUTA_P/IOUTB_P
3.3 V
DAC
IQ modulator
Rint = 100 Ω/200 Ω
50 Ω
Rext
Rint
50 Ω
IOUTA_N/IOUTB_N
AUXA_P/AUXB_P
AUXA_N/AUXB_N
BBA_P/BBB_P
BBA_N/BBB_N
0 mA to 20 mA
low pass
filter
IOUTA_P/IOUTA_N
IOUTB_P/IOUTB_N
VO(cm) = 2.7 V
VO(dif) = 1 V
Fig 58. IQ-modulator: DC interface with a 1.7 V common input level
IOUTA_P/IOUTB_P
5 V
DAC
68 Ω
54.9 Ω
54.9 Ω
68 Ω
84.5 Ω
84.5 Ω
IOUTA_N/IOUTB_N
BBA_P/BBB_P
BBA_P/BBA_N
BBB_P/BBB_N
VI(cm) = 1.7 V
VI(dif) = 0.92 V
IOUTA_P/IOUTA_N
IOUTB_P/IOUTB_N
VO(cm) = 2.78 V
VO(dif) = 1.52 V
IQ modulator
(VI(cm) = 1.7 V)
BBA_N/BBB_N
0 mA to 20 mA
100 Ω
low pass
filter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn