Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1658Q1G5NAGA Datasheet(PDF) 1 Page - Integrated Device Technology

Part # DAC1658Q1G5NAGA
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1658Q1G5NAGA Datasheet(HTML) 1 Page - Integrated Device Technology

  DAC1658Q1G5NAGA Datasheet HTML 1Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 2Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 3Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 4Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 5Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 6Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 7Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 8Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
®
The Advance Information presented herein represents a product that is developmental or prototype. The noted characteristics are design targets. Integrated Device Technologies, Inc. (IDT)
reserves the right to change any circuitry or specifications without notice.
1. General description
The DAC1658Q and the DAC1653Q are high-speed high-performance 16-bit quad
channel digital-to-analog converter (DAC) with high and low common-mode output. The
devices provide a sample rate up to 1.50 Gsps with selectable
,  and  interpolation
filters optimized for multi-carrier and broadband wireless transmitters.
When both devices are referred to in this data sheet, the following convention will be
used: DAC165xQ.
The DAC165xQ integrates a JESD204B high-speed serial input data interface running up
to 10 Gbps allowing quad channel input sampling at up to 750 Msps over eight differential
lanes. It offers numerous advantages over traditional parallel digital interfaces:
Easier Printed-Circuit Board (PCB) layout
Lower radiated noise
Lower pin count
Self-synchronous link
Skew compensation
Deterministic latency
Multiple Device Synchronization (MDS); JESD204B subclass 1 support
Harmonic clocking support
Assured FPGA interoperability
There are two versions of the DAC165xQ:
Low common-mode output voltage (part identification DAC1653Q)
High common-mode output voltage (part identification DAC1658Q)
Two optional on-chip digital modulators convert the complex I/Q pattern from baseband to
IF. The mixer frequency is set by writing to the Serial Peripheral Interface (SPI) control
registers associated with the on-chip 40-bit Numerically Controlled Oscillator (NCO). This
accurately places the IF carrier in the frequency domain. The 13-bit phase adjustment
feature, the 12-bit digital gain and the 16-bit digital offset enable full control of the analog
output signals.
The DAC165xQ is fully compatible with device subclass 1 of the JEDEC JESD204B
standard, guaranteeing deterministic and repeatable interface latency using the
differential SYSREF signal. The device also supports harmonic clocking to reduce
system-level clock synthesis and distribution challenges.
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Gsps; x2, x4 and x8 interpolating
Rev. 1.03 — 13 May 2013
Advance data sheet


Similar Part No. - DAC1658Q1G5NAGA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1658Q1G5NAGA RENESAS-DAC1658Q1G5NAGA Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1658Q1G5NAGA8 RENESAS-DAC1658Q1G5NAGA8 Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
More results

Similar Description - DAC1658Q1G5NAGA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
logo
Texas Instruments
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Maxim Integrated Produc...
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
logo
Linear Technology
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664_15 Datasheet
233Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com