Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC1658Q1G5NAGA Datasheet(HTML) 100 Page - Integrated Device Technology

Part No. DAC1658Q1G5NAGA
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

DAC1658Q1G5NAGA Datasheet(HTML) 100 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 101 page
background image
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
Disclaimer
Integrated Device Technology, Inc. (IDT) and its subsidiaries reserve the right to modify the products and/or specifications described herein at any time and at IDT’s sole discretion.
All information in this document, including descriptions of product features and performance, is subject to change without notice. Performance specifications and the operating parameters
of the described products are determined in the independent state and are not guaranteed to perform the same way when installed in customer products. The information contained herein
is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT’s products for any particular purpose, an implied
warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual
property rights of IDT or any third parties.
IDT’s products are not intended for use in life support systems or similar devices where the failure or malfunction of an IDT product can be reasonably expected to significantly affect the
health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are registered trademarks of IDT. Other trademarks and service marks used herein, including protected names, logos and designs, are
the property of IDT or their respective third party owners.
Copyright, 2013. All rights reserved.
11.9
Output interfacing configuration . . . . . . . . . . . 88
11.9.1
DAC1658Q: High common-mode output voltage .
88
11.9.1.1
Basic output configuration . . . . . . . . . . . . . . . 88
11.9.1.2
Low input impedance IQ-modulator interface . 88
11.9.1.3
IQ-modulator - DC interface . . . . . . . . . . . . . . 89
11.9.2
DAC1653Q: Low common-mode output voltage .
90
11.9.2.1
Basic output configuration . . . . . . . . . . . . . . . 90
11.9.2.2
Low input impedance IQ-modulator interface . 90
11.9.2.3
High input impedance IQ-modulator interface 91
11.10
Design recommendations . . . . . . . . . . . . . . . . 92
11.10.1
Power and grounding . . . . . . . . . . . . . . . . . . . 92
12
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 93
13
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 95
14
Glossary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
14.1
Static parameters . . . . . . . . . . . . . . . . . . . . . . 96
14.2
Dynamic parameters. . . . . . . . . . . . . . . . . . . . 96
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 97
16
Tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
17
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
13 Abbreviations 205
14
Glossary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 206
14.1
Static parameters . . . . . . . . . . . . . . . . . . . . . 206
14.2
Dynamic parameters. . . . . . . . . . . . . . . . . . . 206
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . 207
16
Tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 208
17
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 211


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn