Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1658Q1G25NAGA Datasheet(PDF) 8 Page - Integrated Device Technology

Part # DAC1658Q1G25NAGA
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1658Q1G25NAGA Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button DAC1658Q1G25NAGA Datasheet HTML 4Page - Integrated Device Technology DAC1658Q1G25NAGA Datasheet HTML 5Page - Integrated Device Technology DAC1658Q1G25NAGA Datasheet HTML 6Page - Integrated Device Technology DAC1658Q1G25NAGA Datasheet HTML 7Page - Integrated Device Technology DAC1658Q1G25NAGA Datasheet HTML 8Page - Integrated Device Technology DAC1658Q1G25NAGA Datasheet HTML 9Page - Integrated Device Technology DAC1658Q1G25NAGA Datasheet HTML 10Page - Integrated Device Technology DAC1658Q1G25NAGA Datasheet HTML 11Page - Integrated Device Technology DAC1658Q1G25NAGA Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
8 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
7. Limiting values
8. Thermal characteristics
[1]
In compliance with JEDEC test board; in free air with 64 thermal vias, class 5.
[2]
In free air with 64 thermal vias, class 5.
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA(out)
analog output supply
voltage
DAC1658Q: 3.3 V
0.5
+4.6
V
DAC1653Q: 2.5 V or 3.3 V
0.5
+4.6
V
VDDD(1V2)
digital supply voltage
(1.2 V)
0.5
+1.5
V
VDDA(1V2)
analog supply voltage
(1.2 V)
0.5
+1.5
V
VI
input voltage
input pins referenced to GND
0.5
<tbd>
V
VO
output voltage
pins IOUTA_P, IOUTA_N,
IOUTB_P, IOUTB_N, IOUTC_P,
IOUTC_N, IOUTD_P,
IOUTD_N; IO0; IO1; IO2; IO3;
referenced to GND
0.5
+4.6
V
VDDD(IO)
I/O digital supply
voltage
pins SDO, SDIO,SCLK, SCS_N,
RESET_N, JTAG, IO0,
RF_ENABLE/IO1
0.5
2.1
V
VDDD(SO)
differential SYNC
voltage
pins SYNC_AB_P/N and
SYNC_CD_P/N
0.5
2.1
V
Tstg
storage temperature
55
+150
C
Tamb
ambient temperature
40
+85
C
Tj
junction temperature
40
+125
C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
JEDEC 4L board
Rth(j-a)
thermal resistance from junction
to ambient
[1] <tbd>
K/W
Rth(j-c)
thermal resistance from junction
to case
[1] <tbd>
K/W
Application board
Rth(j-a)
thermal resistance from junction
to ambient
6 layers
[2] <tbd>
K/W
8 layers
[2] <tbd>
K/W
12 layers
[2] <tbd>
K/W


Similar Part No. - DAC1658Q1G25NAGA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1658Q1G0NAGA RENESAS-DAC1658Q1G0NAGA Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1658Q1G0NAGA8 RENESAS-DAC1658Q1G0NAGA8 Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1658Q1G5NAGA RENESAS-DAC1658Q1G5NAGA Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1658Q1G5NAGA8 RENESAS-DAC1658Q1G5NAGA8 Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
More results

Similar Description - DAC1658Q1G25NAGA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
logo
Texas Instruments
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Maxim Integrated Produc...
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
logo
Linear Technology
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664_15 Datasheet
233Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com