Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC32 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74VHC32
Description  Quad 2-Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC32 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74VHC32 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC32 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC32 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC32 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC32 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC32 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC32 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 3)
Note 2: Absolute Maximum Ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside databook specifica-
tions.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics
Note 4: Parameter guaranteed by design.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Voltage (VIN)
0.5V to 7.0V
DC Output Voltage (VOUT)
0.5V to VCC  0.5V
Input Diode Current (IIK)
20 mA
Output Diode Current (IOK)
r20 mA
DC Output Current (IOUT)
r25 mA
DC VCC/GND Current (ICC)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Lead Temperature (TL)
(Soldering, 10 seconds)
260
qC
Supply Voltage (VCC)
2.0V to
5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)
0V to VCC
Operating Temperature (TOPR)
40qC to 85qC
Input Rise and Fall Time (tr, tf)
VCC 3.3V r0.3V
0
a 100 ns/V
VCC 5.0V r0.5V
0
a 20 ns/V
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
2.0
1.50
1.50
V
Input Voltage
3.0
 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level
2.0
0.50
0.50
V
Input Voltage
3.0
 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN VIH IOH 50 PA
Output Voltage
3.0
2.9
3.0
2.9
V
or VIL
4.5
4.4
4.5
4.4
3.0
2.58
2.48
V
IOH 4 mA
4.5
3.94
3.80
IOH 8 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
VIN VIH IOL 50 PA
Output Voltage
3.0
0.0
0.1
0.1
V
or VIL
4.5
0.0
0.1
0.1
3.0
0.36
0.44
V
IOL 4 mA
4.5
0.36
0.44
IOL 8 mA
IIN
Input Leakage
0
 5.5
r0.1
r1.0
PAVIN 5.5V or GND
Current
ICC
Quiescent Supply Current
5.5
2.0
20.0
PAVIN VCC or GND
Symbol
Parameter
VCC
(V)
TA 25qC
Units
Conditions
Typ
Limit
VOLP
Quiet Output Maximum
5.0
0.3
0.8
V
CL 50 pF
(Note 4)
Dynamic VOL
VOLV
Quiet Output Minimum
5.0
0.3
0.8
V
CL 50 pF
(Note 4)
Dynamic VOL
VIHD
Minimum HIGH Level
5.0
3.5
V
CL 50 pF
(Note 4)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.5
V
CL 50 pF
(Note 4)
Dynamic Input Voltage


Similar Part No. - 74VHC32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC32 STMICROELECTRONICS-74VHC32 Datasheet
53Kb / 7P
   QUAD 2-INPUT OR GATE
June 1999
74VHC32 STMICROELECTRONICS-74VHC32 Datasheet
228Kb / 11P
   QUAD 2-INPUT OR GATE
logo
Fairchild Semiconductor
74VHC32 FAIRCHILD-74VHC32 Datasheet
298Kb / 10P
   Quad 2-Input OR Gate
logo
ON Semiconductor
74VHC32 ONSEMI-74VHC32 Datasheet
312Kb / 10P
   Quad 2-Input OR Gate
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74VHC32 NEXPERIA-74VHC32 Datasheet
594Kb / 14P
   Quad 2-input OR gate
More results

Similar Description - 74VHC32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com