Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7657 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7657
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7657 Datasheet(HTML) 1 Page - Analog Devices

  AD7657 Datasheet HTML 1Page - Analog Devices AD7657 Datasheet HTML 2Page - Analog Devices AD7657 Datasheet HTML 3Page - Analog Devices AD7657 Datasheet HTML 4Page - Analog Devices AD7657 Datasheet HTML 5Page - Analog Devices AD7657 Datasheet HTML 6Page - Analog Devices AD7657 Datasheet HTML 7Page - Analog Devices AD7657 Datasheet HTML 8Page - Analog Devices AD7657 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
250 kSPS, 6-Channel, Simultaneous
Sampling, Bipolar 16-/14-/12-Bit ADC
Data Sheet
AD7656/AD7657/AD7658
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2012 Analog Devices, Inc. All rights reserved.
FEATURES
6 independent ADCs
True bipolar analog inputs
Pin-/software-selectable ranges: ±10 V, ±5 V
Fast throughput rate: 250 kSPS
i
CMOS process technology
Low power
140 mW at 250 kSPS with 5 V supplies
Wide input bandwidth
86.5 dB SNR at 50 kHz input frequency
On-chip reference and reference buffers
Parallel, serial, and daisy-chain interface modes
High speed serial interface
SPI-/QSPI™-/MICROWIRE™-/DSP-compatible
Standby mode: 100 µW maximum
64-lead LQFP
APPLICATIONS
Power line monitoring systems
Instrumentation and control systems
Multi-axis positioning systems
FUNCTIONAL BLOCK DIAGRAM
VSS
DGND
VDD
REF
CONVST A
CONVST B CONVST C
OUTPUT
DRIVERS
OUTPUT
DRIVERS
OUTPUT
DRIVERS
OUTPUT
DRIVERS
CONTROL
LOGIC
BUF
BUF
BUF
AGND
T/H
T/H
T/H
T/H
T/H
T/H
CLK
OSC
AVCC
DVCC
V1
V2
V3
V4
V5
V6
SER/PAR
CS
VDRIVE
STBY
DOUT A
DOUT B
DOUT C
SCLK
RD
WR
DATA/
CONTROL
LINES
AD7656/AD7657/AD7658
16-/14-/12-BIT SAR
16-/14-/12-BIT SAR
16-/14-/12-BIT SAR
16-/14-/12-BIT SAR
16-/14-/12-BIT SAR
16-/14-/12-BIT SAR
Figure 1.
GENERAL DESCRIPTION
The AD7656/AD7657/AD76581 contain six 16-/14-/12-bit,
fast, low power, successive approximation ADCs all in the one
package that is designed on the iCMOS™ process (industrial
CMOS). iCMOS is a process combining high voltage silicon
with submicron CMOS and complementary bipolar technol-
ogies. It enables the development of a wide range of high
performance analog ICs, capable of 33 V operation in a
footprint that no previous generation of high voltage parts
could achieve. Unlike analog ICs using conventional CMOS
processes, iCMOS components can accept bipolar input signals
while providing increased performance, which dramatically
reduces power consumption and package size.
The AD7656/AD7657/AD7658 feature throughput rates up
to 250 kSPS. The parts contain low noise, wide bandwidth,
track-and-hold amplifiers that can handle input frequencies
up to 12 MHz.
The conversion process and data acquisition are controlled
using CONVST signals and an internal oscillator. Three
CONVST pins allow independent, simultaneous sampling of
the three ADC pairs. The AD7656/AD7657/AD7658 all have
a high speed parallel and serial interface, allowing the devices
to interface with microprocessors or DSPs. In serial interface
mode, the parts have a daisy-chain feature that allows multiple
ADCs to connect to a single serial interface. The AD7656/
AD7657/AD7658 can accommodate true bipolar input signals
in the ±4 × VREF range and ±2 × VREF range. The AD7656/
AD7657/AD7658 also contain an on-chip 2.5 V reference.
PRODUCT HIGHLIGHTS
1. Six 16-/14-/12-bit, 250 kSPS ADCs on board.
2. Six true bipolar, high impedance analog inputs.
3. Parallel and high speed serial interfaces.
1
Protected by U.S. Patent No. 6,731,232.


Similar Part No. - AD7657

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7657 AD-AD7657 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7657-1 AD-AD7657-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7657-1 AD-AD7657-1 Datasheet
716Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7657-1 AD-AD7657-1_15 Datasheet
716Kb / 32P
   250 kSPS, 6-Channel, Simultaneous
REV. D
AD7657BSTZ AD-AD7657BSTZ Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
More results

Similar Description - AD7657

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com