Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX-724 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VX-724
Description  Quad Frequency HPLL VCXO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-724 Datasheet(HTML) 3 Page - Vectron International, Inc

  VX-724 Datasheet HTML 1Page - Vectron International, Inc VX-724 Datasheet HTML 2Page - Vectron International, Inc VX-724 Datasheet HTML 3Page - Vectron International, Inc VX-724 Datasheet HTML 4Page - Vectron International, Inc VX-724 Datasheet HTML 5Page - Vectron International, Inc VX-724 Datasheet HTML 6Page - Vectron International, Inc VX-724 Datasheet HTML 7Page - Vectron International, Inc VX-724 Datasheet HTML 8Page - Vectron International, Inc VX-724 Datasheet HTML 9Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Vectron Interna onal • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 3 of 9
Test Circuits & Output Waveform
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
V
DD
0 to 3.8V
V
Input Current
I
IN
100
mA
Output Current
I
OUT
25
mA
Voltage Control Range
V
C
0 to V
DD
V
Output Enable
OE
0 to V
DD
V
Storage Temperature
T
STR
-55 to 125
°C
Soldering Temperature / Duration
T
PEAK
/ t
P
260 / 40
°C / sec
VX-724 Quad Frequency HPLL VCXO
Figure 2 - LVCMOS Production Test Circuit
Figure 3 - LVPECL Production Test Circuit
Figure 4 - LVDS Production Test Circuit
Figure 5 - Waveform Diagram
+3.3V
Scope
VMD
10k
10nF
10nF
10nF
1nF
VC
OE
1
2
3
4
5
6
NC
39
FS(1)
FS(0)
200
+3.3V
Scope
VMD
200
10k
10k
10nF
10nF
10nF
10nF
1nF
VC
OE
1
2
3
4
5
6
FS(1)
FS(0)
+3.3V
Scope
VMD
10k
10k
10nF
10nF
10nF
10nF
1nF
VC
OE
1
2
3
4
5
6
FS(1)
FS(0)
80
%
Vs
20
%
tF
tR
Period
On Time
Rev2: 14 November 2012


Similar Part No. - VX-724

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-721 VECTRON-VX-721 Datasheet
716Kb / 9P
   Single Frequency HPLL VCXO
VX-722 VECTRON-VX-722 Datasheet
727Kb / 9P
   Dual Frequency HPLL VCXO
More results

Similar Description - VX-724

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-722 VECTRON-VX-722 Datasheet
727Kb / 9P
   Dual Frequency HPLL VCXO
VX-721 VECTRON-VX-721 Datasheet
716Kb / 9P
   Single Frequency HPLL VCXO
logo
Renesas Technology Corp
IDT8N3QV01 RENESAS-IDT8N3QV01 Datasheet
440Kb / 24P
   Quad-Frequency Programmable VCXO
MARCH 6, 2012
logo
Integrated Device Techn...
IDT8N4QV01 IDT-IDT8N4QV01_14 Datasheet
294Kb / 20P
   Quad-Frequency Programmable VCXO
IDT8N3QV01 IDT-IDT8N3QV01 Datasheet
236Kb / 23P
   Quad-Frequency Programmable VCXO
IDT8N4QV01 IDT-IDT8N4QV01 Datasheet
193Kb / 20P
   Quad-Frequency Programmable VCXO
logo
Renesas Technology Corp
IDT8N0QV01 RENESAS-IDT8N0QV01 Datasheet
836Kb / 20P
   Quad-Frequency Programmable VCXO
MARCH 13, 2014
IDT8N4QV01 RENESAS-IDT8N4QV01 Datasheet
868Kb / 21P
   Quad-Frequency Programmable VCXO
MARCH 11, 2014
logo
Raltron Electronics Cor...
SY02-HPLL RALTRON-SY02-HPLL Datasheet
339Kb / 6P
   HIGH FREQUENCY CLOCK/SYNCHRONIZER - SY02-HPLL
logo
List of Unclassifed Man...
FVO10AAH3 ETC2-FVO10AAH3 Datasheet
194Kb / 1P
   LOW FREQUENCY VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com