Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC4046 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # 74VHC4046
Description  CMOS Phase Lock Loop
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4046 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button 74VHC4046 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 9Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 10Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 11Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 12Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
www.fairchildsemi.com
Detailed Circuit Description
VOLTAGE CONTROLLED OSCILLATOR/SOURCE
FOLLOWER
The VCO requires two or three external components to
operate. These are R1, R2, C1. Resistor R1 and capacitor
C1 are selected to determine the center frequency of the
VCO. R1 controls the lock range. As R1’s resistance
decreases the range of fMIN to fMAX increases. Thus the
VCO’s gain decreases. As C1 is changed the offset (if
used) of R2, and the center frequency is changed. (See
typical performance curves) R2 can be used to set the off-
set frequency with 0V at VCO input. If R2 is omitted the
VCO range is from 0Hz. As R2 is decreased the offset fre-
quency is increased. The effect of R2 is shown in the
design information table and typical performance curves.
By increasing the value of R2 the lock range of the PLL is
offset above 0Hz and the gain (Volts/rad.) does not
change. In general, when offset is desired, R2 and C1
should be chosen first, and then R1 should be chosen to
obtain the proper center frequency.
FIGURE 1. Logic Diagram for VCO
Internally the resistors set a current in a current mirror as
shown in
Figure 1. The mirrored current drives one side of
the capacitor once the capacitor charges up to the thresh-
old of the Schmitt Trigger the oscillator logic flips the
capacitor over and causes the mirror to charge the oppo-
site side of the capacitor. The output from the internal logic
is then taken to pin 4.
The input to the VCO is a very high impedance CMOS
input and so it will not load down the loop filter, easing the
filters design. In order to make signals at the VCO input
accessible without degrading the loop performance a
source follower transistor is provided. This transistor can
be used by connecting a resistor to ground and its drain
output will follow the VCO input signal.
An inhibit signal is provided to allow disabling of the VCO
and the source follower. This is useful if the internal VCO is
not being used. A logic high on inhibit disables the VCO
and source follower.
The output of the VCO is a standard high speed CMOS
output with an equivalent LSTTL fanout of 10. The VCO
output is approximately a square wave. This output can
either directly feed the comparator input of the phase com-
parators or feed external prescalers (counters) to enable
frequency synthesis.
PHASE COMPARATORS
All three phase comparators share two inputs, Signal In
and Comparator In. The Signal In has a special DC bias
network that enables AC coupling of input signals. If the
signals are not AC coupled then this input requires logic
levels the same as standard 74VHC. The Comparator input
is a standard digital input. Both input structures are shown
in
Figure 2.
The outputs of these comparators are essentially standard
74VHC voltage outputs. (Comparator II is 3-STATE.)


Similar Part No. - 74VHC4046

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
74VHC4046M NSC-74VHC4046M Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
74VHC4046M FAIRCHILD-74VHC4046M Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
74VHC4046MTC FAIRCHILD-74VHC4046MTC Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
logo
National Semiconductor ...
74VHC4046MX NSC-74VHC4046MX Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
More results

Similar Description - 74VHC4046

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046_03 Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
Toshiba Semiconductor
T4K71 TOSHIBA-T4K71 Datasheet
189Kb / 2P
   Built-in phase lock loop
logo
Texas Instruments
CD4046BEE4 TI1-CD4046BEE4 Datasheet
927Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Lockedn Loop
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com