Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC4040MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHC4040MTC
Description  12-Stage Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4040MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC4040MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHC4040MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHC4040MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4040MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4040MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4040MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4040MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr) = CPD * VCC * fN + ICC.
AC Operating Requirements
Symbol
Parameter
VCC
(V)
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay Time
3.3
± 0.3
7.5
11.9
1.0
14.0
ns
CL = 15 pF
tPHL
to Q1
10.0
15.4
1.0
17.5
CL = 50 pF
5.0
± 0.5
4.8
7.3
1.0
8.5
ns
CL = 15 pF
6.3
9.3
1.0
10.5
CL = 50 pF
tPLH
Propagation Delay Time
3.3
± 0.3
ns
CL = 15 pF
tPHL
between Stages from
2.4
4.4
1.0
5.0
CL = 50 pF
Qn to Qn+1
5.0
± 0.5
ns
CL = 15 pF
1.6
3.1
1.0
3.5
CL = 50 pF
tPHL
Propagation Delay Time
3.3
± 0.3
8.3
12.8
1.0
15.0
ns
CL = 15 pF
MR–Qn
10.8
16.3
1.0
18.5
CL = 50 pF
5.0
± 0.5
5.6
8.6
1.0
10.0
ns
CL = 15 pF
7.1
10.6
1.0
12.0
CL = 50 pF
fMAX
Maximum Clock
3.3
± 0.3
90
140
75
MHz
CL = 15 pF
Frequency
55
80
50
CL = 50 pF
5.0
± 0.5
150
210
125
MHz
CL = 15 pF
95
125
80
CL = 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC = Open
CPD
Power Dissipation Capacitance
21
pF
(Note 3)
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Typ
Guaranteed Minimum
tw(L)
Minimum Pulse Width
3.3
± 0.3
5.0
5.0
ns
tw(H)
(CP)
5.0
± 0.5
5.0
5.0
tw(L)
Minimum Pulse Width
3.3
± 0.3
5.0
5.0
ns
(MR)
5.0
± 0.5
5.0
5.0
tREC
Minimum Removal Time
3.3
± 0.3
5.0
5.0
ns
(MR)
5.0
± 0.5
5.0
5.0


Similar Part No. - 74VHC4040MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC4040MTC FAIRCHILD-74VHC4040MTC Datasheet
333Kb / 9P
   12-Stage Binary Counter
More results

Similar Description - 74VHC4040MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
   12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
   12-stage Binary Counter
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Hitachi Semiconductor
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
   12-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com