Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC4052M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74VHC4052M
Description  8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4052M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VHC4052M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC4052M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC4052M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4052M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4052M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4052M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4052M Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4052M Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4052M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case on resistances (R
ON) occurs for VHC at 4.5V. Thus the 4.5V values should be used when designing
with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current occur
for CMOS at the higher voltage and so the 5.5V values should be used.
Note 5: At supply voltages (VCC–VEE) approaching 2V the analog switch on resistance becomes extremely non-linear. Therefore it is recommended that
these devices be used to transmit digital only when using these supply voltages.
Note 6: Adjust 0 dB for f
= 1 kHz (Null R1/R
ON Attenuation).
Symbol
Parameter
Conditions
VEE
VCC
TA = 25°CTA = −40 to 85°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0V
1.5
1.5
V
Input Voltage
4.5V
3.15
3.15
V
6.0V
4.2
4.2
V
VIL
Maximum LOW Level
2.0V
0.5
0.5
V
Input Voltage
4.5V
1.35
1.35
V
6.0V
1.8
1.8
V
RON
Maximum “ON” Resistance
VINH = VIL, IS = 2.0 mA
GND
4.5V
40
160
200
(Note 5)
VIS = VCC to VEE
−4.5V
4.5V
30
120
150
(Figure 1)
−6.0V
6.0V
20
100
125
VINH = VIL, IS = 2.0 mA
GND
2.0V
100
230
280
VIS = VCC or VEE
GND
4.5V
40
110
140
(Figure 1)
−4.5V
4.5V
20
90
120
−6.0V
6.0V
15
80
100
RON
Maximum “ON” Resistance
VINH = VIL
GND
4.5V
10
20
25
Matching
VIS = VCC to GND
−4.5V
4.5V
5
10
15
−6.0V
6.0V
5
10
12
IN
Maximum Control
VIN = VCC or GND
±.05
±0.5
µA
Input Current
VCC = 2 − 6V
ICC
Maximum Quiescent
VIN = VCC or GND
GND
6.0V
4
40
µA
Supply Current
IOUT = 0 µA
−6.0V
6.0V
8
80
µA
IIZ
Maximum Switch “OFF”
VOS = VCC or VEE
GND
6.0V
±60
±300
nA
Leakage Current
VIS = VEE or VCC
−6.0V
6.0V
±100
±500
nA
(Switch Input)
VINH = VIH (Figure 2)
IIZ
Maximum Switch “ON”
VIS = VCC to VEE
GND
6.0V
±0.1
±1.0
µA
Leakage Current
VHC4051 VINH = VIL
−6.0V
6.0V
±0.2
±2.0
µA
(Figure 3)
VIS = VCC to VEE
GND
6.0V
±0.050
±0.5
µA
VHC4052 VINH = VIL
−6.0V
6.0V
±0.1
±1.0
µA
(Figure 3)
VIS = VCC to VEE
GND
6.0V
±0.05
±0.5
µA
VHC4053 VINH = VIL
−6.0V
6.0V
±0.5
±0.5
µA
(Figure 3)
IIZ
Maximum Switch
VOS = VCC or VEE
GND
6.0V
±0.1
±1.0
µA
“OFF” Leakage
VHC4051 VIS = VEE or VCC
−6.0V
6.0V
±0.2
±2.0
µA
Current (Common Pin)
VINH = VIH
VOS = VCC or VEE
GND
6.0V
±0.05
±0.5
µA
VHC4052 VIS = VEE or VCC
−6.0V
6.0V
±0.1
±1.0
µA
VINH = VIH
VOS = VCC or VEE
GND
6.0V
±0.05
±0.5
µA
VHC4053 VIS = VEE or VCC
−6.0V
6.0V
±0.05
±0.5
µA
VINH = VIH


Similar Part No. - 74VHC4052M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC4052M FAIRCHILD-74VHC4052M Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
74VHC4052MTC FAIRCHILD-74VHC4052MTC Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
More results

Similar Description - 74VHC4052M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com