Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC595M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC595M
Description  8-Bit Shift Register with Output Latches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC595M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC595M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 7Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 8Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August 1993
Revised April 1999
© 1999 Fairchild Semiconductor Corporation
DS011640.prf
www.fairchildsemi.com
74VHC595
8-Bit Shift Register with Output Latches
General Description
The VHC595 is an advanced high-speed CMOS Shift Reg-
ister fabricated with silicon gate CMOS technology. It
achieves the high-speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
This device contains an 8-bit serial-in, parallel-out shift reg-
ister that feeds an 8-bit D-type storage register. The stor-
age register has eight 3-STATE outputs. Separate clocks
are provided for both the shift register and the storage reg-
ister. The shift register has a direct-overriding clear, serial
input, and serial output (standard) pins for cascading. Both
the shift register and storage register use positive-edge
triggered clocks. If both clocks are connected together, the
shift register state will always be one clock pulse ahead of
the storage register.
An input protection circuit insures that 0V to 7V can be
applied to the input pins without regard to the supply volt-
age. This device can be used to interface 5V to 3V systems
and two supply systems such as battery backup. This cir-
cuit prevents device destruction due to mismatched supply
and input voltages.
Features
s High Speed: tPD = 5.4 ns (typ) at VCC = 5V
s Low power dissipation: ICC = 4 µA (max) at TA = 25°C
s High noise immunity: VNIH = VNIL = 28% VCC (min)
s Power down protection is provided on all inputs
s Low noise: VOLP = 0.9V (typ)
s Pin and function compatible with 74HC595
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74VHC595M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
74VHC595SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC595MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC595N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - 74VHC595M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC595M FAIRCHILD-74VHC595M Datasheet
407Kb / 12P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
74VHC595M ONSEMI-74VHC595M Datasheet
408Kb / 14P
   8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC595MTC FAIRCHILD-74VHC595MTC Datasheet
407Kb / 12P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
74VHC595MTC ONSEMI-74VHC595MTC Datasheet
408Kb / 14P
   8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
More results

Similar Description - 74VHC595M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595_07 Datasheet
407Kb / 12P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
74VHC595 ONSEMI-74VHC595 Datasheet
408Kb / 14P
   8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
MM74HC595 ONSEMI-MM74HC595 Datasheet
662Kb / 16P
   8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
logo
STMicroelectronics
M54HC595 STMICROELECTRONICS-M54HC595 Datasheet
282Kb / 13P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
M74HC595 STMICROELECTRONICS-M74HC595_V01 Datasheet
579Kb / 22P
   8-bit shift register with output latches (3-state)
Rev 6 January 2014
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
logo
NXP Semiconductors
74HC7597 PHILIPS-74HC7597 Datasheet
90Kb / 12P
   8-bit shift register with input latches
December 1990
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com