Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC4052N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHC4052N
Description  8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4052N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC4052N Datasheet HTML 1Page - Fairchild Semiconductor 74VHC4052N Datasheet HTML 2Page - Fairchild Semiconductor 74VHC4052N Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4052N Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4052N Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4052N Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4052N Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4052N Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4052N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
Supply Voltage (VCC)
−0.5 to +7.5V
Supply Voltage (VEE)
+0.5 to −7.5V
Control Input Voltage (VIN)
−1.5 to V
CC+1.5V
Switch I/O Voltage (VIO)VEE−0.5 to VCC+0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
Output Current, per pin (IOUT)
±25 mA
VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range
(TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
Supply Voltage (VEE)0
−6V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range
(TA)
−40
+85
°C
Input Rise or Fall Times
(tr, tf)
VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns


Similar Part No. - 74VHC4052N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHC4052 ONSEMI-74VHC4052 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
74VHC4052 FAIRCHILD-74VHC4052 Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
Toshiba Semiconductor
74VHC4052AFT TOSHIBA-74VHC4052AFT Datasheet
327Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-04-26 Rev.6.0
logo
Fairchild Semiconductor
74VHC4052M FAIRCHILD-74VHC4052M Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
74VHC4052MTC FAIRCHILD-74VHC4052MTC Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
More results

Similar Description - 74VHC4052N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com