Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3809L30DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3809L30DBVT
Description  3-PIN SUPPLY VOLTAGE SUPERVISORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3809L30DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS3809L30DBVT Datasheet HTML 1Page - Texas Instruments TPS3809L30DBVT Datasheet HTML 2Page - Texas Instruments TPS3809L30DBVT Datasheet HTML 3Page - Texas Instruments TPS3809L30DBVT Datasheet HTML 4Page - Texas Instruments TPS3809L30DBVT Datasheet HTML 5Page - Texas Instruments TPS3809L30DBVT Datasheet HTML 6Page - Texas Instruments TPS3809L30DBVT Datasheet HTML 7Page - Texas Instruments TPS3809L30DBVT Datasheet HTML 8Page - Texas Instruments TPS3809L30DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
IOH – High-Level Output Current – mA
VDD = 6 V
TA = 85
oC
0
–10
–20
–30
–40
–50
TA = –40 C
o
TA = 0
oC
TA = 25
oC
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
IOH – High-Level Output Current – mA
VDD = 2.5 V
TA = 85
oC
0
–2
–4
–6
–8
–10
TA = –40 C
o
TA = 25
oC
TA = 0
oC
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
0
2.5
7.5
10.0
5.0
12.5
VDD = 2.5 V
TA = 85
oC
TA = –40
oC
IOL – Low-Level Output Current – mA
TA = 25 C
o
TA = 0
oC
–50
–40
–30
–20
–10
0
10
20
30
40
50
–2
0
2
4
6
TA = 25 C
o
VDD – Supply Voltage – V
TPS3809J25
TPS3809J25, TPS3809L30
TPS3809K33, TPS3809I50
www.ti.com
SLVS228B – AUGUST 1999 – REVISED JULY 2012
TYPICAL CHARACTERISTICS
spacer
LOW-LEVEL OUTPUT VOLTAGE
SUPPLY CURRENT
vs
vs
LOW-LEVEL OUTPUT CURRENT
SUPPLY VOLTAGE
Figure 3.
Figure 4.
HIGH-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 5.
Figure 6.
Copyright © 1999–2012, Texas Instruments Incorporated
5


Similar Part No. - TPS3809L30DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809L30DBVT TI1-TPS3809L30DBVT Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30DBVT TI1-TPS3809L30DBVT Datasheet
722Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30DBVTG4 TI1-TPS3809L30DBVTG4 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30DBVTG4 TI1-TPS3809L30DBVTG4 Datasheet
722Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results

Similar Description - TPS3809L30DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_17 Datasheet
722Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV803E TI1-TLV803E Datasheet
749Kb / 27P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com