Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT14A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHCT14A
Description  Hex Schmitt Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT14A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHCT14A Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT14A Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT14A Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT14A Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT14A Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT14A Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT14A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500147
www.fairchildsemi.com
December 1998
Revised February 2005
74VHCT14A
Hex Schmitt Inverter
General Description
The VHCT14A is an advanced high speed CMOS Hex
Schmitt Inverter fabricated with silicon gate CMOS technol-
ogy. The VHCT14A contains six independent inverters
which are capable of transforming slowly changing input
signals into sharply defined, jitter-free output signals.
Protection circuits ensure that 0V to 7V can be applied to
the input pins without regard to the supply voltage and to
the output pins with VCC
0V. These circuits prevent
device destruction due to mismatched supply and input/
output voltages. This device can be used to interface 3V to
5V systems and two supply systems such as battery
backup.
Features
s High speed: tPD 5.0 ns (typ) at TA 25qC
s High noise immunity: VIH 2.0V, VIL 0.8V
s Power down protection is provided on all inputs and out-
puts
s Low noise: VOLP 1.0V (max)
s Low power dissipation:
ICC 2 PA (max) @ TA 25qC
s Pin and function compatible with 74HCT14
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Symbol
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package
Package Description
Number
74VHCT14AM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHCT14ASJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT14AMTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHCT14AMTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74VHCT14AN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
An
Inputs
On
Outputs
AO
LH
HL


Similar Part No. - 74VHCT14A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT14A STMICROELECTRONICS-74VHCT14A Datasheet
53Kb / 7P
   HEX SCHMITT INVERTER
74VHCT14A STMICROELECTRONICS-74VHCT14A Datasheet
240Kb / 15P
   HEX SCHMITT inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
logo
Toshiba Semiconductor
74VHCT14AFT TOSHIBA-74VHCT14AFT Datasheet
160Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-07-07 Rev.2.0
logo
STMicroelectronics
74VHCT14AM STMICROELECTRONICS-74VHCT14AM Datasheet
53Kb / 7P
   HEX SCHMITT INVERTER
More results

Similar Description - 74VHCT14A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com