Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE515C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE515C
Description  300mA High PSRR, Linear Regulator, w. Output Discharge
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE515C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE515C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE515C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACE515C
300mA High PSRR, Linear Regulator, w. Output Discharge
VER 1.4
3
Packaging Type
SC-70-5
SOT-23-3L
SOT-23-5
DFN1*1-4
5
4
3
5
4
4
3
1
2
3
1
2
1
2
3
1
2 (Thermal Pad: Vss)
Ordering information
ACE515C XX
XX + H
Block Diagram
SC-70-5
SOT-23-3L
SOT-23-5
DFN1*1-4
Description
Function
5
2
5
1
Vout
Output pin
1
3
1
4
Vin
Input pin
2
1
2
2
VSS
Ground pin
3
3
3
CE
Chip Enable pin
4
4
NC
No Connection
HN: SC-70-5
BM: SOT-23-3L
BN: SOT-23-5
IN: DFN1*1-4
Output Voltage: 1.0V/1.5V/1.8V
…..4.5V
Pb - free
Halogen - free


Similar Part No. - ACE515C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE515C ACE-ACE515C_14 Datasheet
676Kb / 10P
   300mA High PSRR, Fast Response Linear Regulator
VER 1.5
More results

Similar Description - ACE515C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563_14 Datasheet
796Kb / 9P
   300mA High PSRR, Linear Regulator, w. Output Discharge
logo
AiT Semiconductor Inc.
A6303 AITSEMI-A6303 Datasheet
616Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR, W. OUTPUT DISCHARGE
REV1.7
logo
SHANGHAI BELLING CO., L...
BL8568 BELLING-BL8568_13 Datasheet
804Kb / 8P
   500mA High PSRR, Linear Regulator, w. Output Discharge
logo
ACE Technology Co., LTD...
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
   300mA High PSRR, Linear Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
   300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
   300mA High PSRR, Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
   300mA High PSRR, Linear Regulator
BL8063 BELLING-BL8063_14 Datasheet
758Kb / 8P
   300mA High PSRR, Linear Regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com