Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT244AN Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHCT244AN
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT244AN Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHCT244AN Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT244AN Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT244AN Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT244AN Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT244AN Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT244AN Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT244AN Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT244AN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Noise Characteristics
Note 7: Parameter guaranteed by design.
AC Electrical Characteristics
Note 8: Parameter guaranteed by design. tOSLH |tPLH max  tPLH min|; tOSHL |tPHL max  tPHL min|
Note 9: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.) CPD * VCC * fIN  ICC/8 (per F/F). The total CPD when n pcs. of the Octal D Flip-Flop operates
can be calculated by the equation: CPD (total) 20  12n.
Symbol
Parameter
VCC
(V)
TA 25qC
Units
Conditions
Typ
Limits
VOLP
(Note 7)
Quiet Output Maximum Dynamic VOL
5.0
0.9
1.1
V
CL 50 pF
VOLV
(Note 7)
Quiet Output Minimum Dynamic VOL
5.0
0.9
1.1
V
CL 50 pF
VIHD
(Note 7)
Minimum HIGH Level Dynamic Input Voltage
5.0
2.0
V
CL 50 pF
VILD
(Note 7)
Maximum LOW Level Dynamic Input Voltage
5.0
0.8
V
CL 50 pF
Symbol
Parameter
V CC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
r 0.5
5.4
7.4
1.0
8.5
ns
CL 15 pF
tPHL
Time
5.9
8.4
1.0
9.5
CL 50 pF
tPZL
3-STATE Output
5.0
r 0.5
7.7
10.4
1.0
12.5
ns
RL 1 k: CL 15 pF
tPZH
Enable Time
8.2
11.4
1.0
13.5
CL 50 pF
tPLZ
3-STATE Output
5.0
r 0.5
8.8
11.4
1.0
13.0
ns
RL 1 k: CL 50 pF
tPHZ
Disable Time
tOSLH
Output to
5.0
r 0.5
1.0
1.0
ns
(Note 8)
tOSHL
Output Skew
CIN
Input
4
10
10
pF
VCC Open
Capacitance
COUT
Output
9
pF
VCC 5.0V
Capacitance
CPD
Power Dissipation
18
pF
(Note 9)
Capacitance


Similar Part No. - 74VHCT244AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT244A STMICROELECTRONICS-74VHCT244A Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
logo
Fairchild Semiconductor
74VHCT244A FAIRCHILD-74VHCT244A Datasheet
231Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74VHCT244A STMICROELECTRONICS-74VHCT244A Datasheet
242Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
ON Semiconductor
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
logo
Toshiba Semiconductor
74VHCT244AFT TOSHIBA-74VHCT244AFT Datasheet
205Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-23 Rev.4.0
More results

Similar Description - 74VHCT244AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com