Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQW15AN72NJ00p Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # LQW15AN72NJ00p
Description  Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW15AN72NJ00p Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  LQW15AN72NJ00p Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW15AN72NJ00p Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW15AN72NJ00p Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW15AN72NJ00p Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQW15AN72NJ00p Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
5
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2008.11.4
0
50
100
150
10
100
1000
10000
Frequency (MHz)
4.7nH
10nH
27nH
82nH
120nH
56nH
1
10
100
1000
10
100
1000
10000
Frequency (MHz)
120nH
82nH
56nH
27nH
10nH
4.7nH
Inductors(coils)/Microchip Transformer > Chip Inductors (Chip Coils) > for High Frequency Horizontal Wire Wound
I Q - Frequency Characteristics (Typ.)
I Inductance - Frequency Characteristics (Typ.)
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Similar Part No. - LQW15AN72NJ00p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN72NJ0Z MURATA-LQW15AN72NJ0Z Datasheet
78Kb / 2P
   Inductance
LQW15AN72NJ0ZB MURATA-LQW15AN72NJ0ZB Datasheet
78Kb / 2P
   Inductance
LQW15AN72NJ0ZD MURATA-LQW15AN72NJ0ZD Datasheet
78Kb / 2P
   Inductance
More results

Similar Description - LQW15AN72NJ00p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15ANR10J00D MURATA-LQW15ANR10J00D Datasheet
105Kb / 5P
   Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
LQW18ANR33J00D MURATA-LQW18ANR33J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR15G00D MURATA-LQW18ANR15G00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N5B00D MURATA-LQW15AN1N5B00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN27NG10D MURATA-LQW18AN27NG10D Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN2N2D00D MURATA-LQW18AN2N2D00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN39NG00D MURATA-LQW18AN39NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18A-00 MURATA-LQW18A-00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN27NG00D MURATA-LQW15AN27NG00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N3C10D MURATA-LQW15AN1N3C10D Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com