Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT573ASJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHCT573ASJ
Description  Octal D-Type Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT573ASJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHCT573ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT573ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT573ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT573ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT573ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT573ASJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT573ASJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT573ASJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500028
www.fairchildsemi.com
January 1998
Revised April 2005
74VHCT573A
Octal D-Type Latch with 3-STATE Outputs
General Description
The VHCT573A is an advanced high speed CMOS octal
latch with 3-STATE output fabricated with silicon gate
CMOS technology. It achieves the high speed operation
similar to equivalent Bipolar Schottky TTL while maintain-
ing the CMOS low power dissipation. This 8-bit D-type
latch is controlled by a Latch Enable input (LE) and an Out-
put Enable input (OE). When the OE input is HIGH, the
eight outputs are in a high impedance state.
Protection circuits ensure that 0V to 7V can be applied to
the input and output (Note 1) pins without regard to the
supply voltage. This device can be used to interface 3V to
5V systems and two supply systems such as battery back
up. This circuit prevents device destruction due to mis-
matched supply and input voltages.
Note 1: Outputs in OFF-State.
Features
s High speed: tPD 7.7 ns (typ) at TA 25qC
s High Noise Immunity: VIH 2.0V, VIL 0.8V
s Power Down Protection is provided on all inputs and
outputs
s Low Noise: VOLP 1.6V (max)
s Low Power Dissipation:
ICC 4 PA (max) @ TA 25qC
s Pin and function compatible with 74HCT573
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74VHCT573AM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VHCT573ASJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT573AMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHCT573AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - 74VHCT573ASJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHCT573ASJ ONSEMI-74VHCT573ASJ Datasheet
266Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT573ASJ FAIRCHILD-74VHCT573ASJ_07 Datasheet
267Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
More results

Similar Description - 74VHCT573ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com