Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCU04MTC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VHCU04MTC
Description  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCU04MTC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VHCU04MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 7Page - Fairchild Semiconductor 74VHCU04MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCU04 Rev. 1.4.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions(1)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
1. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
VIN
DC Input Voltage
–0.5V to +7.0V
VOUT
DC Output Voltage
–0.5V to VCC + 0.5V
IIK
Input Diode Current
–20mA
IOK
Output Diode Current
±20mA
IOUT
DC Output Current
±25mA
ICC
DC VCC / GND Current
±50mA
TSTG
Storage Temperature
–65°C to +150°C
TL
Lead Temperature (Soldering, 10 seconds)
260°C
Symbol
Parameter
Rating
VCC
Supply Voltage
2.0V to +5.5V
VIN
Input Voltage
0V to +5.5V
VOUT
Output Voltage
0V to VCC
TOPR
Operating Temperature
–40°C to +85°C


Similar Part No. - 74VHCU04MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCU04MTC FAIRCHILD-74VHCU04MTC Datasheet
291Kb / 9P
   Hex Inverter
logo
ON Semiconductor
74VHCU04MTC ONSEMI-74VHCU04MTC Datasheet
222Kb / 9P
   Hex Inverter
February 2008 Rev. 1.4.0
More results

Similar Description - 74VHCU04MTC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com